전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LMR321GFVT-E2 데이터시트(PDF) 31 Page - Rohm

부품명 LMR321GFVT-E2
상세설명  Ground sense Low Power General Purpose Operational amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

LMR321GFVT-E2 데이터시트(HTML) 31 Page - Rohm

Back Button LMR321GFVT-E2 Datasheet HTML 27Page - Rohm LMR321GFVT-E2 Datasheet HTML 28Page - Rohm LMR321GFVT-E2 Datasheet HTML 29Page - Rohm LMR321GFVT-E2 Datasheet HTML 30Page - Rohm LMR321GFVT-E2 Datasheet HTML 31Page - Rohm LMR321GFVT-E2 Datasheet HTML 32Page - Rohm LMR321GFVT-E2 Datasheet HTML 33Page - Rohm LMR321GFVT-E2 Datasheet HTML 34Page - Rohm LMR321GFVT-E2 Datasheet HTML 35Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200560-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
31/38
30.NOV.2012 Rev.001
TSZ22111・15・001
LMR321G, LMR358xxx, LMR324xxx
○Adder circuit
○Differential amplifier
Figure 82. Differential amplifier
Figure 81. Adder circuit
Adder circuit output the voltage that added up Input
voltage. A phase of the output voltage turns over,
because non-inverting circuit is used.
OUT is shown next formula.
OUT = -R3(IN1/R1+IN2/R2)
When three input voltage is as above, it connects
with input through resistance like R1 and R2.
Differential
amplifier
output
the
voltage
that
amplified a difference of input voltage.
In the case of R1=R3=Ra, R2=R4=Rb
OUT is shown next formula.
OUT = -Rb/Ra(IN1-IN2)
R1
R2
IN1
IN2
R3
VDD
OUT
R2
R1
VDD
VSS
R3
OUT
IN1
IN2
R4
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41