전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA2822BDTF 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 KA2822BDTF
상세설명  3-Phase BLDC Motor Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA2822BDTF 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  KA2822BDTF Datasheet HTML 1Page - Fairchild Semiconductor KA2822BDTF Datasheet HTML 2Page - Fairchild Semiconductor KA2822BDTF Datasheet HTML 3Page - Fairchild Semiconductor KA2822BDTF Datasheet HTML 4Page - Fairchild Semiconductor KA2822BDTF Datasheet HTML 5Page - Fairchild Semiconductor KA2822BDTF Datasheet HTML 6Page - Fairchild Semiconductor KA2822BDTF Datasheet HTML 7Page - Fairchild Semiconductor KA2822BDTF Datasheet HTML 8Page - Fairchild Semiconductor KA2822BDTF Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
KA2822D
3
Pin Definitions
Pin Number
Pin Name
I/O
Pin Function Description
1
FG_INPUT
I
Negative input pin FG signal amp.
2
AGC
I
Automatic gain control input pin
3
INDEX PULSE WIDTH
O
Index pulse width detection (1.1V) pin
4
VOLTAGE REGULATOR
O
Voltage (2.2V) generator output pin
5
INDEX BURST
O
Index pulse width detection (1.4V) pin
6
INDEX OUTPUT
O
Index pulse output pin
7
CE
I
Chip enable (Active low)
8
SIGNAL GROUND
-
Signal ground
9
FG ZERO CROSS
O
FG signal zero cross detection pin
10
FG OUTPUT
O
FG signal output pin
11
RPM SELECT
I
RPM selection pin (L: 300, H: 360rpm)
12
CHARGE PUMP OUTPUT
O
Charge pump output pin
13
OSC INPUT
I
1MHz oscillation input pin
14
NC
-
No connection
15
PHASE COMPENSATION
I
Phase compensation cap. connection pin
16
VCC
-
5V power supply pin
17
CURRENT DETECTION2
I
Over current detection pin
18
U INPUT (
−)
I
Negative input pin of U phase amp
19
U INPUT (+)
I
Positive input pin of U phase amp
20
NC
-
No connection
21
W PHASE OUTPUT
O
W phase output pin
22
V PHASE OUTPUT
O
V phase output pin
23
U PHASE OUTPUT
O
U phase output pin
24
U INPUT (+)
I
Positive input pin of V phase amp
25
V INPUT (
−)
I
Negative input pin of V phase amp
26
CURRENT DETECTION1
I
Over current detection pin
27
HALL BIAS
I
Hall sensor bias input pin
28
FG INPUT (+)
I
Positive input pin of FG signal amp
FIN
POWER GROUND
-
Power ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com