전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

202ECPZ 데이터시트(PDF) 13 Page - Intersil Corporation

부품명 202ECPZ
상세설명  짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

202ECPZ 데이터시트(HTML) 13 Page - Intersil Corporation

Back Button 202ECPZ Datasheet HTML 9Page - Intersil Corporation 202ECPZ Datasheet HTML 10Page - Intersil Corporation 202ECPZ Datasheet HTML 11Page - Intersil Corporation 202ECPZ Datasheet HTML 12Page - Intersil Corporation 202ECPZ Datasheet HTML 13Page - Intersil Corporation 202ECPZ Datasheet HTML 14Page - Intersil Corporation 202ECPZ Datasheet HTML 15Page - Intersil Corporation 202ECPZ Datasheet HTML 16Page - Intersil Corporation 202ECPZ Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
13
FN4315.16
November 4, 2005
Die Characteristics
METALLIZATION:
Type: Al
Thickness: 10k
Å ±1kÅ
SUBSTRATE POTENTIAL
GND
PASSIVATION:
Type: Nitride over Silox
Nitride Thickness: 8k
Å
Silox Thickness: 7k
Å
TRANSISTOR COUNT:
185
PROCESS:
CMOS Metal Gate
Metallization Mask Layout
HIN232E
PIN 1 C1+
PIN 2 V+
C1-
PIN 7
PIN 17 VCC
PIN 3
C2+
PIN 4
C2-
PIN 5
V-
PIN 6
T2IN
PIN 11
T1IN
PIN 12
R1OUT
PIN 13
R1IN
PIN 14
T1OUT
PIN 15
GND
PIN 16
T2OUT
PIN 8
R2IN
PIN 9
T3OUT
PIN 10
R2OUT
HIN202E, HIN206E, HIN207E, HIN208E, HIN211E, HIN213E, HIN232E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com