전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

202ECPZ 데이터시트(PDF) 21 Page - Intersil Corporation

부품명 202ECPZ
상세설명  짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

202ECPZ 데이터시트(HTML) 21 Page - Intersil Corporation

Back Button 202ECPZ Datasheet HTML 14Page - Intersil Corporation 202ECPZ Datasheet HTML 15Page - Intersil Corporation 202ECPZ Datasheet HTML 16Page - Intersil Corporation 202ECPZ Datasheet HTML 17Page - Intersil Corporation 202ECPZ Datasheet HTML 18Page - Intersil Corporation 202ECPZ Datasheet HTML 19Page - Intersil Corporation 202ECPZ Datasheet HTML 20Page - Intersil Corporation 202ECPZ Datasheet HTML 21Page - Intersil Corporation 202ECPZ Datasheet HTML 22Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
21
FN4315.16
November 4, 2005
HIN202E, HIN206E, HIN207E, HIN208E, HIN211E, HIN213E, HIN232E
Shrink Small Outline Plastic Packages (SSOP)
NOTES:
1. Symbols are defined in the “MO Series Symbol List” in Section 2.2
of Publication Number 95.
2. Dimensioning and tolerancing per ANSI Y14.5M-1982.
3. Dimension “D” does not include mold flash, protrusions or gate
burrs. Mold flash, protrusion and gate burrs shall not exceed
0.20mm (0.0078 inch) per side.
4. Dimension “E” does not include interlead flash or protrusions.
Interlead flash and protrusions shall not exceed 0.20mm (0.0078
inch) per side.
5. The chamfer on the body is optional. If it is not present, a visual
index feature must be located within the crosshatched area.
6. “L” is the length of terminal for soldering to a substrate.
7. “N” is the number of terminal positions.
8. Terminal numbers are shown for reference only.
9. Dimension “B” does not include dambar protrusion. Allowable
dambar protrusion shall be 0.13mm (0.005 inch) total in excess of
“B” dimension at maximum material condition.
10. Controlling dimension: MILLIMETER. Converted inch dimensions
are not necessarily exact.
INDEX
AREA
E
D
N
12
3
-B-
0.25(0.010)
C A
M
BS
e
-A-
L
B
M
-C-
A1
A
SEATING PLANE
0.10(0.004)
C
H
0.25(0.010)
B
M
M
α
0.25
0.010
GAUGE
PLANE
A2
M28.209 (JEDEC MO-150-AH ISSUE B)
28 LEAD SHRINK SMALL OUTLINE PLASTIC PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
-
0.078
-
2.00
-
A1
0.002
-
0.05
-
-
A2
0.065
0.072
1.65
1.85
-
B
0.009
0.014
0.22
0.38
9
C
0.004
0.009
0.09
0.25
-
D
0.390
0.413
9.90
10.50
3
E
0.197
0.220
5.00
5.60
4
e
0.026 BSC
0.65 BSC
-
H
0.292
0.322
7.40
8.20
-
L
0.022
0.037
0.55
0.95
6
N28
28
7
α
0°
8°
0°
8°
-
Rev. 2 6/05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com