| 전자부품 데이터시트 검색엔진 |
|
UPD166019T1F 데이터시트(PDF) 4 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD166019T1F 데이터시트(HTML) 4 Page - Renesas Technology Corp |
|
4 / 18 page ![]() PD166019T1F Preliminary R07DS0730EJ0100 Rev.1.00 Page 4 of 16 Apr 25, 2012 Electrical Characteristics (VCC = 12 V, Tch = 25°C, unless otherwise specified) Item Symbol MIN. TYP. MAX. Unit Test Conditions Low level input current IIL — — 20 A VIN = 12 V, Tch = –40 to 150°C Input voltage for turn-on VINon 4.5 — — V VON = 0.16 V, IL = 7.5 A, VCC reference Input voltage for turn-off VINoff — — 1.5 V IL 1 mA, VCC reference — — 1.0 A Tch = 25°C Standby Current IGNDoff — — 1.0 A Tch = –40 to 150°C VIN = 0 V — — 1.0 A Tch = 25°C Output leakage current IOUToff — — 15 A Tch = –40 to 150°C VIN = 0 V — — 1.0 mA Tch = 25°C Circuit current IGNDon — — 1.5 mA Tch = –40 to 150°C VIN = 12 V — 10.5 13.5 m Tch = 25°C On state resistance RON — 17.5 23.0 m Tch = 150°C VIN = 12 V, IL = 7.5 A — 13.5 21.0 m Tch = 25°C On state resistance RON2 — 23.0 35.0 m Tch = 150°C VIN = 4.5 V, IL = 7.5 A Turn on delay time tdon — 2.2 10 s Turn off delay time tdoff — 11.3 50 s Rise time tr — 4 20 s Fall time tf — 5 20 s RL = 2.2 , RIN = 0 , Tch = –40 to 150°C Protection Function (VCC = 12 V, Tch = 25°C, unless otherwise specified) Item Symbol MIN. TYP. MAX. Unit Test Conditions — 96 135 Tch = –40°C 33 67 — Tch = –25C IL7,3(SC) *1 19 50 — Tch = 150°C VCC = 7 V, Von 3 V — 105 145 Tch = –40°C 42 96 — Tch = –25C IL9,3(SC) *1 30 73 — Tch = 150°C VCC = 9 V, Von 3 V — 143 190 Tch = –40°C 56 130 — Tch = –25C IL12,3(SC) *1 42 105 — Tch = 150°C VCC = 12 V, Von 3 V — 144 190 Tch = –40°C 75 131 — Tch = –25C Short circuit detection current IL16,3(SC) 60 107 — A Tch = 150°C VCC = 16 V, Von 3 V Thermal shutdown temperature Tth 150 175 200 °C Thermal hysteresis T th — 14 — °C Resume temp: over 130°C Under voltage shutdown VCIN(UV) 3.7 4.8 5.7 V Under voltage restart VCIN(ST) — 5.0 6.0 V Output current in fault condition IOL 180 300 — VIN = 7 V, VCC = 7 V, Tch = –40 to 150°C Note: *1 Not subject to production test, specified by design. |