| 전자부품 데이터시트 검색엔진 |
|
UPD166019T1F 데이터시트(PDF) 3 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD166019T1F 데이터시트(HTML) 3 Page - Renesas Technology Corp |
|
3 / 18 page ![]() PD166019T1F Preliminary R07DS0730EJ0100 Rev.1.00 Page 3 of 16 Apr 25, 2012 Absolute Maximum Ratings (Ta = 25°C, unless otherwise specified) Item Symbol Rating Unit Test Conditions VCC voltage VCC1 28 V VCC voltage for full short circuit protection VCC2 18 V VCC voltage (Load Dump) VCC3 40 V R1 = 1 , RL = 1.5 , td = 400 ms, IN = low or high Load current (short circuit current) IL(SC) Self limited A Power Dissipation PD 59 W Tc = 25°C Avalanche current IAS 34 A L = 100 H Channel temperature Tch –40 to +150 °C Storage temperature Tstg –55 to +150 °C Electric discharge capability (Human Body Model) VESD 2.0 kV AEC-Q100-022 std R = 1.5 k , C = 100 pF Input voltage VIN 0 to 28 V IN pin, VIN VCC, VCC reference, 1 min Input current IIN –1.0 mA IN pin Recommended Operating Conditions Item Symbol MIN. TYP. MAX. Unit Test Conditions Power supply voltage VCC 7 — 16 V Tch = –40 to 150°C Thermal Characteristics Item Symbol MIN. TYP. MAX. Unit Test Conditions Thermal resistance Rth(ch-a) — 45 55 °C/W Device on 50 mm 50 mm 1.5 mm epoxy PCB FR4 with 6 cm 2 of 70 m copper area |