| 전자부품 데이터시트 검색엔진 |
|
MPC8349ECVVAJDB 데이터시트(PDF) 68 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8349ECVVAJDB 데이터시트(HTML) 68 Page - Freescale Semiconductor, Inc |
|
68 / 87 page ![]() MPC8349EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 13 68 Freescale Semiconductor Clocking Table 57 provides the operating frequencies for the MPC8349EA TBGA under recommended operating conditions (see Table 2). All frequency combinations shown in the table below may not be available. Maximum operating frequencies depend on the part ordered, see Section 22.1, “Part Numbers Fully Addressed by This Document,” for part ordering details and contact your Freescale Sales Representative or authorized distributor for more information. 19.1 System PLL Configuration The system PLL is controlled by the RCWL[SPMF] parameter. Table 58 shows the multiplication factor encodings for the system PLL. Table 57. Operating Frequencies for TBGA Characteristic1 1 The CLKIN frequency, RCWL[SPMF], and RCWL[COREPLL] settings must be chosen so that the resulting csb_clk, MCK, LCLK[0:2], and core_clk frequencies do not exceed their respective maximum or minimum operating frequencies. The value of SCCR[ENCCM], SCCR[USBDRCM] and SCCR[USBMPHCM] must be programmed so that the maximum internal operating frequency of the security core and USB modules does not exceed the respective values listed in this table. 400 MHz 533 MHz 667 MHz Unit e300 core frequency (core_clk) 266–400 266–533 266–667 MHz Coherent system bus frequency (csb_clk) 100–266 100–333 100–333 MHz DDR1 memory bus frequency (MCK)2 2 The DDR data rate is 2x the DDR memory bus frequency. 100–133 100–133 100–166.67 MHz DDR2 memory bus frequency (MCK)3 3 The DDR data rate is 2x the DDR memory bus frequency. 100–133 100–133 100–200 MHz Local bus frequency (LCLKn)4 4 The local bus frequency is 1/2, 1/4, or 1/8 of the lbiu_clk frequency (depending on LCCR[CLKDIV]) which is in turn 1x or 2x the csb_clk frequency (depending on RCWL[LBIUCM]). 16.67–133 16.67–133 16.67–133 MHz PCI input frequency (CLKIN or PCI_CLK) 25–66 25–66 25–66 MHz Security core maximum internal operating frequency 133 133 166 MHz USB_DR, USB_MPH maximum internal operating frequency 133 133 166 MHz Table 58. System PLL Multiplication Factors RCWL[SPMF] System PLL Multiplication Factor 0000 × 16 0001 Reserved 0010 × 2 0011 × 3 0100 × 4 0101 × 5 0110 × 6 |