| 전자부품 데이터시트 검색엔진 |
|
MCP4361T502E/ML 데이터시트(PDF) 34 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4361T502E/ML 데이터시트(HTML) 34 Page - Microchip Technology |
|
34 / 80 page ![]() MCP434X/436X DS22233A-page 34 © 2009 Microchip Technology Inc. 4.2.2.1 Status (STATUS) Register This register contains 7 status bits. These bits show the state of the WiperLock bits, the Write Protect bit, and if an EEPROM write cycle is active. The STATUS register can be accessed via the READ commands. Register 4-1 describes each STATUS register bit. The STATUS register is placed at Address 05h. REGISTER 4-1: STATUS REGISTER R-1 R-1 R-1 R-1 R-0 R-x R-x R-1 R-x D8:D7 WL3 (1) WL2 (1) EEWA WL1 (1) WL0 (1) —WP (1) bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 8-7 D8:D7: Reserved. Forced to “1” bit 6 WL3: WiperLock Status bit for Resistor Network 3 (Refer to Section 5.3 “WiperLock™ Technology” for further information) The WiperLock Technology bit (WL3) prevents the Volatile and Non-Volatile Wiper 3 addresses and the TCON1 register bits R3HW, R3A, R3W, and R3B from being written to. High Voltage commands are required to enable and disable WiperLock Technology. 1 = Wiper and TCON1 register bits R3HW, R3A, R3W, and R3B of Resistor Network 3 (Pot 3) are “Locked” (Write Protected) 0 = Wiper and TCON1 of Resistor Network 3 (Pot 3) can be modified Note: The WL3 bit always reflects the result of the last programming cycle to the non-volatile WL3 bit. After a POR/BOR or RESET pin event, the WL3 bit is loaded with the non-volatile WL3 bit value. bit 5 WL2: WiperLock Status bit for Resistor Network 2 (Refer to Section 5.3 “WiperLock™ Technology” for further information) The WiperLock Technology bit (WL2) prevents the Volatile and Non-Volatile Wiper 2 addresses and the TCON1 register bits R2HW, R2A, R2W, and R2B from being written to. High Voltage commands are required to enable and disable WiperLock Technology. 1 = Wiper and TCON1 register bits R2HW, R2A, R2W, and R2B of Resistor Network 2 (Pot 2) are “Locked” (Write Protected) 0 = Wiper and TCON1 of Resistor Network 2 (Pot 2) can be modified Note: The WL0 bit always reflects the result of the last programming cycle to the non-volatile WL0 bit. After a POR/BOR or RESET pin event, the WL0 bit is loaded with the non-volatile WL0 bit value. bit 4 EEWA: EEPROM Write Active Status bit This bit indicates if the EEPROM Write Cycle is occurring. 1 = An EEPROM Write cycle is currently occurring. Only serial commands to the Volatile memory locations are allowed (addresses 00h, 01h, 04h, and 05h) 0 = An EEPROM Write cycle is NOT currently occurring Note 1: Requires a High Voltage command to modify the state of this bit (for Non-Volatile devices only). This bit is Not directly written, but reflects the system state (for this feature). |