| 전자부품 데이터시트 검색엔진 |
|
MCP4361T502E/ML 데이터시트(PDF) 64 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4361T502E/ML 데이터시트(HTML) 64 Page - Microchip Technology |
|
64 / 80 page ![]() MCP434X/436X DS22233A-page 64 © 2009 Microchip Technology Inc. Figure 8-8 shows possible layout implementations for an application to support the quad and dual options on the same PCB. FIGURE 8-8: Layout to support Quad and Dual Devices. 8.4.2.3 PCB Area Requirements In some applications, PCB area is a criteria for device selection. Table 8-2 shows the package dimensions and area for the different package options. The table also shows the relative area factor compared to the smallest area. For space critical applications, the QFN package would be the suggested package. TABLE 8-2: PACKAGE FOOTPRINT (1) 8.4.3 RESISTOR TEMPCO Characterization curves of the resistor temperature coefficient (Tempco) are shown in Figure 2-8, Figure 2-19, Figure 2-29, and Figure 2-39. These curves show that the resistor network is designed to correct for the change in resistance as temperature increases. This technique reduces the end to end change is RAB resistance. 8.4.4 HIGH VOLTAGE TOLERANT PINS High Voltage support (VIHH) on the Serial Interface pins supports two features. These are: • In-Circuit Accommodation of split rail applications and power supply sync issues • User configuration of the Non-Volatile EEPROM, Write Protect, and WiperLock feature Potentiometers Devices Rheostat Devices MCP43X1 MCP42X1 MCP43X2 MCP42X2 Package Package Footprint Type Code Dimensions (mm) XY 14 TSSOP ST 5.10 6.40 32.64 2.04 20 QFN ML 4.00 4.00 16.00 1 TSSOP ST 6.60 6.40 42.24 2.64 Note 1: Does not include recommended land pattern dimensions. Note: In many applications, the High Voltage will only be present at the manufacturing stage so as to “lock” the Non-Volatile wiper value (after calibration) and the contents of the EEPROM. This ensures that since High Voltage is not present under normal operating conditions, these values can not be modified. |