전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LPC4370 데이터시트(PDF) 28 Page - NXP Semiconductors

부품명 LPC4370
상세설명  32-bit ARM Cortex-M4 2 x M0 MCU 282 kB SRAM Ethernet two HS USBs 80 Msps 12-bit ADC configurable peripherals
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4370 데이터시트(HTML) 28 Page - NXP Semiconductors

Back Button LPC4370 Datasheet HTML 24Page - NXP Semiconductors LPC4370 Datasheet HTML 25Page - NXP Semiconductors LPC4370 Datasheet HTML 26Page - NXP Semiconductors LPC4370 Datasheet HTML 27Page - NXP Semiconductors LPC4370 Datasheet HTML 28Page - NXP Semiconductors LPC4370 Datasheet HTML 29Page - NXP Semiconductors LPC4370 Datasheet HTML 30Page - NXP Semiconductors LPC4370 Datasheet HTML 31Page - NXP Semiconductors LPC4370 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 150 page
background image
LPC4370
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 2 — 21 October 2013
28 of 150
NXP Semiconductors
LPC4370
32-bit ARM Cortex-M4/M0 microcontroller
P7_2
A16
-
[3]
I; PU I/O
GPIO3[10] — General purpose digital input/output pin.
I
CTIN_4 — SCT input 4. Capture input 2 of timer 1.
I/O
I2S0_TX_SDA — I2S transmit data. It is driven by the transmitter and read
by the receiver. Corresponds to the signal SD in the I2S-bus specification.
O
LCD_VD18 — LCD data.
O
LCD_VD6 — LCD data.
-
R — Function reserved.
I
U2_RXD — Receiver input for USART2.
I/O
SGPIO6 — General purpose digital input/output pin.
P7_3
C13
-
[3]
I; PU I/O
GPIO3[11] — General purpose digital input/output pin.
I
CTIN_3 — SCT input 3. Capture input 1 of timer 1.
-
R — Function reserved.
O
LCD_VD17 — LCD data.
O
LCD_VD5 — LCD data.
-
R — Function reserved.
-
R — Function reserved.
-
R — Function reserved.
P7_4
C8
-
[6]
I; PU I/O
GPIO3[12] — General purpose digital input/output pin.
O
CTOUT_13 — SCT output 13. Match output 1 of timer 3.
-
R — Function reserved.
O
LCD_VD16 — LCD data.
O
LCD_VD4 — LCD data.
O
TRACEDATA[0] — Trace data, bit 0.
-
R — Function reserved.
-
R — Function reserved.
AI
ADC0_4 — ADC0, input channel 4. Configure the pin as GPIO input and use
the ADC function select register in the SCU to select the ADC.
P7_5
A7
-
[6]
I; PU I/O
GPIO3[13] — General purpose digital input/output pin.
O
CTOUT_12 — SCT output 12. Match output 0 of timer 3.
-
R — Function reserved.
O
LCD_VD8 — LCD data.
O
LCD_VD23 — LCD data.
O
TRACEDATA[1] — Trace data, bit 1.
-
R — Function reserved.
-
R — Function reserved.
AI
ADC0_3 — ADC0, input channel 3. Configure the pin as GPIO input and use
the ADC function select register in the SCU to select the ADC.
Table 3.
Pin description …continued
LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2.
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More