| 전자부품 데이터시트 검색엔진 |
|
LPC4370 데이터시트(PDF) 37 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC4370 데이터시트(HTML) 37 Page - NXP Semiconductors |
|
37 / 150 page ![]() LPC4370 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 2 — 21 October 2013 37 of 150 NXP Semiconductors LPC4370 32-bit ARM Cortex-M4/M0 microcontroller PC_2 F6 - [3] I; PU I/O USB1_ULPI_D6 — ULPI link bidirectional data line 6. - R — Function reserved. I U1_CTS — Clear to Send input for UART 1. O ENET_TXD2 — Ethernet transmit data 2 (MII interface). I/O GPIO6[1] — General purpose digital input/output pin. - R — Function reserved. - R — Function reserved. O SD_RST — SD/MMC reset signal for MMC4.4 card. PC_3 F5 - [6] I; PU I/O USB1_ULPI_D5 — ULPI link bidirectional data line 5. - R — Function reserved. O U1_RTS — Request to Send output for UART 1. Can also be configured to be an RS-485/EIA-485 output enable signal for UART 1. O ENET_TXD3 — Ethernet transmit data 3 (MII interface). I/O GPIO6[2] — General purpose digital input/output pin. - R — Function reserved. - R — Function reserved. O SD_VOLT1 — SD/MMC bus voltage select output 1. AI ADC1_0 — ADC1, input channel 0. Configure the pin as GPIO input and use the ADC function select register in the SCU to select the ADC. PC_4 F4 - [3] I; PU - R — Function reserved. I/O USB1_ULPI_D4 — ULPI link bidirectional data line 4. - R — Function reserved. ENET_TX_EN — Ethernet transmit enable (RMII/MII interface). I/O GPIO6[3] — General purpose digital input/output pin. - R — Function reserved. I T3_CAP1 — Capture input 1 of timer 3. I/O SD_DAT0 — SD/MMC data bus line 0. PC_5 G4 - [3] I; PU - R — Function reserved. I/O USB1_ULPI_D3 — ULPI link bidirectional data line 3. - R — Function reserved. O ENET_TX_ER — Ethernet Transmit Error (MII interface). I/O GPIO6[4] — General purpose digital input/output pin. - R — Function reserved. I T3_CAP2 — Capture input 2 of timer 3. I/O SD_DAT1 — SD/MMC data bus line 1. Table 3. Pin description …continued LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2. Symbol Description |