전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM8T143 데이터시트(PDF) 54 Page - STMicroelectronics

부품명 STM8T143
상세설명  Single-channel capacitive sensor for touch and proximity detection
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8T143 데이터시트(HTML) 54 Page - STMicroelectronics

Back Button STM8T143 Datasheet HTML 50Page - STMicroelectronics STM8T143 Datasheet HTML 51Page - STMicroelectronics STM8T143 Datasheet HTML 52Page - STMicroelectronics STM8T143 Datasheet HTML 53Page - STMicroelectronics STM8T143 Datasheet HTML 54Page - STMicroelectronics STM8T143 Datasheet HTML 55Page - STMicroelectronics STM8T143 Datasheet HTML 56Page - STMicroelectronics STM8T143 Datasheet HTML 57Page - STMicroelectronics STM8T143 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 65 page
background image
Ordering information
STM8T143
54/65
DocID18315 Rev 6
11.2
Orderable favorite device lists
The STM8T143 OTP devices listed below are available for development and production.
These parts are blank devices or configured with a specific configuration. See Table 28.
Contact STMicroelectronics sales office for availability.
11.2.1
Part number option bytes
11.3
In-factory option byte programming service
For specific configurations, in-factory option byte programming is available on customer
request and for large order quantities. Customers have to fill out the option list (see below)
and send it back to STMicroelectronics. Customers are then informed by
STMicroelectronics about the ordering part number corresponding to the customer
configuration. The XXXY digits of the final ordering part number (e.g. STM8T143AUXXXY)
depends on the device configuration and firmware revision number and is assigned by
STMicroelectronics.
Table 28. Option byte values
Part number
OPT0
OPT1
OPT2
STM8T143AM61T
0x00
0x00
0x00
STM8T143AM62T
0x00
0x00
0x00
STM8T143AUTAB2TR
0xC8
0x00
0x10
STM8T143AUMEI2TR
0xF0
0x00
0x00
STM8T143AULET2TR
0xE0
0x01
0x10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65