| 전자부품 데이터시트 검색엔진 |
|
STM8T143 데이터시트(PDF) 55 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8T143 데이터시트(HTML) 55 Page - STMicroelectronics |
|
55 / 65 page ![]() DocID18315 Rev 6 55/65 STM8T143 Ordering information 64 11.4 Revision code on device markings Table 29, Figure 27 and Figure 28 show the part numbers and standard marking composition for the UFDFPN8 and SO8 packages respectively. Figure 27. SO8 package marking Table 29. Device identification Rev no. Part no. SO8 package Part no. UFDFPN8 package Marking SO8 package(1) 1. See Figure 27: SO8 package marking. Marking UFDFPN8 package(2) 2. See Figure 28: UFDFPN8 package marking. 1 STM8T143AM61T STM8T143AU61T 8T143A61 T143 2 STM8T143AM62T STM8T143AU62T T143AM62 1432 3 N/A STM8T143AUTAB2TR N/A TAB 4 N/A STM8T143AUMEI2TR N/A MEI 5 N/A STM8T143AULET2TR N/A LET |