전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTC2970CUFD 데이터시트(PDF) 19 Page - Linear Technology

부품명 LTC2970CUFD
상세설명  Dual I2C Power Supply Monitor and
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LTC2970CUFD 데이터시트(HTML) 19 Page - Linear Technology

Back Button LTC2970CUFD Datasheet HTML 15Page - Linear Technology LTC2970CUFD Datasheet HTML 16Page - Linear Technology LTC2970CUFD Datasheet HTML 17Page - Linear Technology LTC2970CUFD Datasheet HTML 18Page - Linear Technology LTC2970CUFD Datasheet HTML 19Page - Linear Technology LTC2970CUFD Datasheet HTML 20Page - Linear Technology LTC2970CUFD Datasheet HTML 21Page - Linear Technology LTC2970CUFD Datasheet HTML 22Page - Linear Technology LTC2970CUFD Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
LTC2970/LTC2970-1
19
29701fc
OPERATIO
CH0_A_SERVO, CH1_A_SERVO: Voltage Servo Control
Registers – Read/Write
BIT(s)
SYMBOL
OPERATION
b[14:0]
Ch0_a_servo[14:0]
Ch1_a_servo[14:0]
During servo operation
Chn_a_idac[7:0] output current is
stepped to force Chn_a_adc[14:0]
code to equal target code stored in
Chn_a_servo[14:0].
2’s complement format, b[14] = sign
Default value is undefined.
b[15]
Ch0_a_servo_en
Ch1_a_servo_en
0 = Chn_a servo disabled (default).
1 = Chn_a servo enabled.
CH0_A_IDAC, CH1_A_IDAC: IDAC Control/Data Registers –
Read/Write
BIT(s)
SYMBOL
OPERATION
b[7:0]
Ch0_a_idac[7:0]
Ch1_a_idac[7:0]
Chn_a IDAC data value.
b[8]
Ch0_a_idac_en
Ch1_a_idac_en
0 = VOUTn output tri-stated.
1 = VOUTn output enabled.
There are two ways to enable
VOUTn.
1) When Chn_a_idac_en is set
high with Chn_a_idac_con low,
the LTC2970 will perform a soft
connect. During a soft connect,
the VOUTn voltage buffer output
will not be connected to the VOUTn
pin until the internal algorithm
has servo’d the voltage at the
IDACn pin to match the VOUTn
pin voltage. Resolution is one
Chn_a_idac LSB.
2) When Chn_a_idac_en is
enabled with Chn_a_idac_con
high, the LTC2970 will perform
a hard connect. The VOUTn
voltage buffer will be immediately
connected to the VOUTn pin.
b[9]
Ch0_a_idac_con
Ch1_a_idac_con
0 = VOUTn is not enabled or
has been enabled but is not yet
connected to the output of the
CHn voltage buffer. (Default)
1 = VOUTn is enabled and has been
connected to the output of the
CHn voltage buffer.
See Chn_a_idac_en for additional
information.
b[10]
Ch0_a_idac_pol
Ch1_a_idac_pol
0 = Use this setting when
increasing VOUTn causes
(VINn_AP-VINn_AM) to decrease.
Inverting configuration common
to DC/DC converters with external
feedback networks.
1 = Use this setting when
increasing VOUTn causes
(VINn_AP-VINn_AM) to increase.
Non-inverting configuration
common to DC/DC converters
with trim pins.
b[11]
Ch0_a_idac_servo_repeat
Ch1_a_idac_servo_repeat
0 = During servo operation, servo
Chn_a until the measured result
is stable and matches the target
code.
1 = During servo operation,
continuously servo Chn_a to the
target code.
b[15:12] Reserved
Always Returns 0
CH0_A_IDAC_TRACK and CH1_A_IDAC_TRACK: IDAC Tracking
data and control registers – Read/Write
LTC2970-1 Only
BIT(s)
SYMBOL
OPERATION
b[7:0]
Ch0_a_idac_
track[7:0]
Ch1_a_idac_
track[7:0]
Final target value for of Chn_a_
idac[7:0]. During tracking, Chn_a_
idac[7:0] is incremented/decremented
by 1 until it is equal to this value.
b[8]
Ch0_a_idac_track_en
Ch1_a_idac_track_en
0 = inhibit tracking of Chn_a_idac[7:0].
1 = enable tracking of Chn_a_idac[7:0]
b[15:9]
Reserved
Always Returns 0
CH0_A_DELAY_TRACK and CH1_A_DELAY_TRACK: IDAC
Tracking delay register – Read/Write
LTC2970-1 Only
BIT(s)
SYMBOL
OPERATION
b[9:0]
Ch0_a_delay_track[9:0]
Ch1_a_delay_track[9:0]
Delay used to synchronize or offset
tracking events.
b[1510]
Reserved
Always Returns 0
4. Detailed I2C Command Register Descriptions
(Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com