전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLC2543CDBLE 데이터시트(PDF) 14 Page - Texas Instruments

부품명 TLC2543CDBLE
상세설명  12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TLC2543CDBLE 데이터시트(HTML) 14 Page - Texas Instruments

Back Button TLC2543CDBLE Datasheet HTML 10Page - Texas Instruments TLC2543CDBLE Datasheet HTML 11Page - Texas Instruments TLC2543CDBLE Datasheet HTML 12Page - Texas Instruments TLC2543CDBLE Datasheet HTML 13Page - Texas Instruments TLC2543CDBLE Datasheet HTML 14Page - Texas Instruments TLC2543CDBLE Datasheet HTML 15Page - Texas Instruments TLC2543CDBLE Datasheet HTML 16Page - Texas Instruments TLC2543CDBLE Datasheet HTML 17Page - Texas Instruments TLC2543CDBLE Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
TLC2543C, TLC2543I, TLC2543M
12-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL AND 11 ANALOG INPUTS
SLAS079F – DECEMBER 1993 – REVISED NOVEMBER 2001
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
data input
The data input is internally connected to an 8-bit serial-input address and control register. The register defines
the operation of the converter and the output data length. The host provides the data word with the MSB first.
Each data bit is clocked in on the rising edge of the I/O CLOCK sequence (see Table 2 for the data input-register
format).
Table 2. Input-Register Format
INPUT DATA BYTE
FUNCTION SELECT
ADDRESS BITS
L1
L0
LSBF
BIP
FUNCTION SELECT
D7
(MSB)
D6
D5
D4
D3
D2
D1
D0
(LSB)
Select input channel
AIN0
AIN1
AIN2
AIN3
AIN4
AIN5
AIN6
AIN7
AIN8
AIN9
AIN10
0
0
0
0
0
0
0
0
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
0
1
1
0
0
1
1
0
0
1
0
1
0
1
0
1
0
1
0
1
0
Select test voltage
(Vref + – Vref –)/2
Vref –
Vref +
1
1
1
0
1
1
1
0
0
1
0
1
Software power down
1
11
0
Output data length
8 bits
12 bits
16 bits
0
X†
1
1
0
1
Output data format
MSB first
LSB first (LSBF)
0
1
Unipolar (binary)
0
Bipolar (BIP) 2s complement
1
† X represents a do not care condition.
data input address bits
The four MSBs (D7 – D4) of the data register address one of the 11 input channels, a reference-test voltage,
or the power-down mode. The address bits affect the current conversion, which is the conversion that
immediately follows the current I/O cycle. The reference voltage is nominally equal to Vref+ – Vref–.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com