전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLC2543CDBLE 데이터시트(PDF) 20 Page - Texas Instruments

부품명 TLC2543CDBLE
상세설명  12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TLC2543CDBLE 데이터시트(HTML) 20 Page - Texas Instruments

Back Button TLC2543CDBLE Datasheet HTML 16Page - Texas Instruments TLC2543CDBLE Datasheet HTML 17Page - Texas Instruments TLC2543CDBLE Datasheet HTML 18Page - Texas Instruments TLC2543CDBLE Datasheet HTML 19Page - Texas Instruments TLC2543CDBLE Datasheet HTML 20Page - Texas Instruments TLC2543CDBLE Datasheet HTML 21Page - Texas Instruments TLC2543CDBLE Datasheet HTML 22Page - Texas Instruments TLC2543CDBLE Datasheet HTML 23Page - Texas Instruments TLC2543CDBLE Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
TLC2543C, TLC2543I, TLC2543M
12-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL AND 11 ANALOG INPUTS
SLAS079F – DECEMBER 1993 – REVISED NOVEMBER 2001
20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
100000000000
011111111111
000000000010
000000000001
000000000000
111111111110
0
0.0024
2.4564
2.4576
2.4588
100000000001
111111111101
111111111111
4.9128
4.9140
4.9152
2048
2047
2
1
0
4094
2049
4093
4095
VI – Analog Input Voltage – V
VZT = VZS + 1/2 LSB
VZS
See Notes A and B
0.0012
VFT = VFS – 1/2 LSB
VFS
VFSnom
NOTES: A. This curve is based on the assumption that Vref+ and Vref – have been adjusted so that the voltage at the transition from digital 0
to 1 (VZT) is 0.0006 V and the transition to full scale (VFT) is 4.9134 V. 1 LSB = 1.2 mV.
B. The full-scale value (VFS) is the step whose nominal midstep value has the highest absolute value. The zero-scale value (VZS) is
the step whose nominal midstep value equals zero.
Figure 16. Ideal Conversion Characteristics
Processor
Control
Circuit
Analog
Inputs
AIN0
AIN1
AIN2
AIN3
AIN4
AIN5
AIN6
AIN7
AIN8
AIN9
AIN10
I/O CLOCK
CS
DATA INPUT
DATA OUT
EOC
REF+
REF–
GND
TLC2543
To Source
Ground
5-V DC Regulated
1
2
3
4
5
6
7
8
9
11
12
15
18
17
16
19
14
13
10
Figure 17. Serial Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com