전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AMC7812SPAP 데이터시트(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
부품명 AMC7812SPAP
상세설명  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

AMC7812SPAP 데이터시트(HTML) 48 Page - Texas Instruments

Back Button AMC7812SPAP Datasheet HTML 44Page - Texas Instruments AMC7812SPAP Datasheet HTML 45Page - Texas Instruments AMC7812SPAP Datasheet HTML 46Page - Texas Instruments AMC7812SPAP Datasheet HTML 47Page - Texas Instruments AMC7812SPAP Datasheet HTML 48Page - Texas Instruments AMC7812SPAP Datasheet HTML 49Page - Texas Instruments AMC7812SPAP Datasheet HTML 50Page - Texas Instruments AMC7812SPAP Datasheet HTML 51Page - Texas Instruments AMC7812SPAP Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 92 page
background image
GPIO-n
ENABLE
GPIO-nBit
(whenwriting)
V+
GPIO-nBit
(whenreading)
AMC7812
SBAS513E – JANUARY 2011 – REVISED SEPTEMBER 2013
www.ti.com
GENERAL-PURPOSE INPUT/OUTPUT PINS (GPIO-0 to GPIO-7)
The AMC7812 has eight GPIO pins. The GPIO-0, -1, -2 and -3 pins are dedicated to general, bidirectional, digital
I/O signals. GPIO-4, GPIO-5, GPIO-6 and GPIO-7 are dual-function pins and can be programmed as either
bidirectional digital I/O pins or remote temperature sensors D1 and D2. When D1 or D2 is disabled, the pins work
as a GPIO. These pins can receive an input or produce an output. When the GPIO-n pin acts as an output, it has
an open-drain, and the status is determined by the corresponding GPIO-n bit of the GPIO Register. The output
state is high impedance when the GPIO-n bit is set to '1', and is logic low when the GPIO-n bit is cleared ('0').
Note that a 10k
Ω pullup resistor is required when using the GPIO-n pin as an output, see Figure 99. The dual
function GPIO-4, -5, -6 and -7 pins should not be tied to a pullup voltage that exceeds the AVDD supply. The
dedicated GPIO-0, -1, -2 and -3 pins are only restricted by the absolute maximum voltage. To use the GPIO-n
pin as an input, the corresponding GPIO-n bits in the GPIO Register must be set to '1'. When the GPIO-n pin
acts as input, the digital value on the pin is acquired by reading the corresponding GPIO-n bit. After a power-on
reset or any forced hardware or software reset, all GPIO-n bits are set to '1', and the GPIO-n pin goes to a high-
impedance state.
Figure 99. GPIO Pins
HARDWARE RESET
Pulling the RESET pin low performs a hardware reset. When the RESET pin is low, the device enters a reset
state, all registers are set to the default values (including the Power-Down Register); therefore, all function blocks
(except the internal temperature sensor) are in power-down mode. On the rising edge of RESET, the device
returns to the normal operating mode. After returning, all registers remain set to the default value until a new
value is written. Note that after reset, it is important to properly write to the power-down register in order to
activate the device. Hardware reset should only be issued when DVDD has reached the minimum specification of
2.7V or above.
SOFTWARE RESET
Software reset returns all register settings to their default and can be performed by writing to the Software Reset
Register. In the case of I2C communication, any value written to this register results in a reset condition. In the
case of SPI communications, only writing the specific value of 6600h to this register resets the device. See the
Registers section for details. During reset, all communication is blocked. After issuing the reset, the user should
wait at least 30µs before attempting to resume communication.
POWER-ON RESET (POR)
When powered on, the internal POR circuit invokes a power-on reset, which performs the equivalent function of
the RESET pin. To ensure a POR, DVDD must start from a level below 750mV.
48
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: AMC7812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com