| 전자부품 데이터시트 검색엔진 |
|
AM3703CBPD100 데이터시트(PDF) 61 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM3703CBPD100 데이터시트(HTML) 61 Page - Texas Instruments |
|
61 / 280 page ![]() AM3715, AM3703 www.ti.com SPRS616F – JUNE 2010 – REVISED AUGUST 2011 Table 2-2. Ball Characteristics (CBC Pkg.)(5) (continued) BALL BALL TOP PIN NAME [2] MODE [3] TYPE [4] BALL BALL RESET RESET POWER [8] HYS [9] BUFFER PULLUP IO CELL BOTTOM [1] RESET REL. STATE REL. MODE STRENGTH /DOWN [12] [1] STATE [5] [6] [7] (mA) [10] TYPE [11] gpio_137 4 IO mm3_rxdp 6 IO safe_mode 7 - L3 NA mmc2_dat6 0 IO L L 7 vdds Yes 4 PU/ PD LVCMOS mmc2_dir_cmd 1 O cam_shutter 2 O mmc3_dat2 3 IO gpio_138 4 IO safe_mode 7 - K3 NA mmc2_dat7 0 IO L L 7 vdds Yes 4 PU/ PD LVCMOS mmc2_clkin 1 I mmc3_dat3 3 IO gpio_139 4 IO mm3_rxdm 6 IO safe_mode 7 - W2 NA uart1_cts 0 I L L 7 vdds Yes 4 PU/ PD LVCMOS gpio_150 4 IO safe_mode 7 - AC16 NA vss 0 GND AD18 NA vdds 0 PWR L19 NA vss 0 GND AC19 NA vss 0 GND AD19 NA vdds 0 PWR L20 NA vdds 0 PWR P23 NA vdds_x 0 PWR AE19 NA cap_vddu_array 0 PWR AC21, D15, NA vdd_core 0 PWR - - - - - - - - G11, G18, H20, M7, M17, R20, T7, Y8, Y12 D13, G9, NA vdd_mpu_iva 0 PWR - - - - - - - - G12, H7, K11, L9, M9, M10, N7, N8, P10, U7, U11, U13, V7, V11, W9, Y9, Y11 A18, AC7, A3, A15, B5, vdds 0 PWR - - - - - - - - AC15, F2, F21, AC18, L20, W21 AC24, AD20, AE10, C11, D9, E24, G4, J15, J18, L7, L24, M4, T4, T24, W24, Y4, AB24 U12 NA vdds_sram 0 PWR - - - - - - - - K13 NA vdda_dplls_dll 0 PWR - - - - - - - - U14 NA vdda_dpll_per 0 PWR - - - - - - - - W14 NA vdda_wkup_bg_bb 0 PWR - - - - - - - - N23 NA vdds_mmc1 0 PWR - - - - - - - - V25 NA vdda_dac 0 PWR - - - - - - - - V24 NA vssa_dac 0 GND - - - - - - - - Copyright © 2010–2011, Texas Instruments Incorporated TERMINAL DESCRIPTION 61 Submit Documentation Feedback Product Folder Link(s): AM3715 AM3703 |