전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM3703CBPD100 데이터시트(PDF) 83 Page - Texas Instruments

Click here to check the latest version.
부품명 AM3703CBPD100
상세설명  Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

AM3703CBPD100 데이터시트(HTML) 83 Page - Texas Instruments

Back Button AM3703CBPD100 Datasheet HTML 79Page - Texas Instruments AM3703CBPD100 Datasheet HTML 80Page - Texas Instruments AM3703CBPD100 Datasheet HTML 81Page - Texas Instruments AM3703CBPD100 Datasheet HTML 82Page - Texas Instruments AM3703CBPD100 Datasheet HTML 83Page - Texas Instruments AM3703CBPD100 Datasheet HTML 84Page - Texas Instruments AM3703CBPD100 Datasheet HTML 85Page - Texas Instruments AM3703CBPD100 Datasheet HTML 86Page - Texas Instruments AM3703CBPD100 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 280 page
background image
AM3715, AM3703
www.ti.com
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
Table 2-4. Multiplexing Characteristics (continued)
CBP
CBC
CUS
MODE 0
MODE 1
MODE 2
MODE 3
MODE 4
MODE 5
MODE 6
MODE
7
Bottom
Top
Bottom
Top
NA
V22
NA
Y16
E7
sdrc_a10
NA
V23
NA
N21
G6
sdrc_a11
NA
W22
NA
R21
G7
sdrc_a12
NA
W23
NA
AA15
F7
sdrc_a13
NA
Y22
NA
Y12
F9
sdrc_a14
NA
M22
NA
T21
A19
sdrc_ncs0
NA
M23
NA
T20
B19
sdrc_ncs1
NA
A11
NA
A12
A10
sdrc_clk
NA
B11
NA
B13
A11
sdrc_nclk
NA
J22
NA
Y15
B20
sdrc_cke0
safe_mo
de_out1
NA
J23
NA
Y13
C20
sdrc_cke1
safe_mo
de_out1
NA
L23
NA
V21
D19
sdrc_nras
NA
L22
NA
U20
C19
sdrc_ncas
NA
K23
NA
Y18
A20
sdrc_nwe
NA
C1
NA
H1
B6
sdrc_dm0
NA
A17
NA
A14
B13
sdrc_dm1
NA
A6
NA
A4
A7
sdrc_dm2
NA
A20
NA
A18
A16
sdrc_dm3
NA
C2
NA
C2
A5
sdrc_dqs0
NA
B17
NA
B15
A13
sdrc_dqs1
NA
B6
NA
B8
A8
sdrc_dqs2
NA
B20
NA
A19
A17
sdrc_dqs3
N4
AC15
J2
NA
K4
gpmc_a1
gpio_34
safe_mo
de
M4
AB15
H1
NA
K3
gpmc_a2
gpio_35
safe_mo
de
L4
AC16
H2
NA
K2
gpmc_a3
gpio_36
safe_mo
de
K4
AB16
G2
NA
J4
gpmc_a4
gpio_37
safe_mo
de
T3
AC17
F1
NA
J3
gpmc_a5
gpio_38
safe_mo
de
R3
AB17
F2
NA
J2
gpmc_a6
gpio_39
safe_mo
de
N3
AC18
E1
NA
J1
gpmc_a7
gpio_40
safe_mo
de
M3
AB18
E2
NA
H1
gpmc_a8
gpio_41
safe_mo
de
L3
AC19
D1
NA
H2
gpmc_a9
sys_ndmareq
gpio_42
safe_mo
2
de
K3
AB19
D2
NA
G2
gpmc_a10
sys_ndmareq
gpio_43
safe_mo
3
de
NA
AC20
A4
NA
NA
gpmc_a11
safe_mo
de
K1
M2
AA2
U2
L2
gpmc_d0
L1
M1
AA1
U1
M1
gpmc_d1
L2
N2
AC2
V2
M2
gpmc_d2
P2
N1
AC1
V1
N2
gpmc_d3
T1
R2
AE5
AA3
M3
gpmc_d4
V1
R1
AD6
AA4
P1
gpmc_d5
V2
T2
AD5
Y3
P2
gpmc_d6
W2
T1
AC5
Y4
R1
gpmc_d7
H2
AB3
V1
R1
R2
gpmc_d8
gpio_44
safe_mo
de
K2
AC3
Y1
T1
T2
gpmc_d9
gpio_45
safe_mo
de
P1
AB4
T1
N1
U1
gpmc_d10
gpio_46
safe_mo
de
Copyright
© 2010–2011, Texas Instruments Incorporated
TERMINAL DESCRIPTION
83
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More