전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS5013 데이터시트(PDF) 7 Page - ams AG

부품명 AS5013
상세설명  Low Power Integrated Hall IC for Human Interface Applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS5013 데이터시트(HTML) 7 Page - ams AG

Back Button AS5013 Datasheet HTML 3Page - ams AG AS5013 Datasheet HTML 4Page - ams AG AS5013 Datasheet HTML 5Page - ams AG AS5013 Datasheet HTML 6Page - ams AG AS5013 Datasheet HTML 7Page - ams AG AS5013 Datasheet HTML 8Page - ams AG AS5013 Datasheet HTML 9Page - ams AG AS5013 Datasheet HTML 10Page - ams AG AS5013 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
www.ams.com/AS5013
Revision 1.11
7 - 32
AS5013
Datasheet - Detailed Descr i p ti on
7 Detailed Description
The benefits of the AS5013 device are as follows:

Complete system-on-chip

High reliability due to non-contact sensing

Low power consumption
Figure 3. Typical Arrangement of AS5013 and Axial Magnet
7.1 Operating the AS5013
Typical Application.
The AS5013 requires only a few external components in order to operate immediately when connected to the host microcontroller.
Only 4 wires are needed for a simple application using a single power supply: two wires for power and two wires for the I²C communication. A
fifth connection can be added in order to send an interrupt to the host CPU when the magnet is moving away from the center and to inform that
a new valid coordinate can be read.
Figure 4. Electrical Connection of AS5013 with Microcontroller
µC
Interrupt
Supply : peripherals
100n
DC2.7 ~3.6V
DC1.7 ~3.6V
I ² C
Interface
SDA
SCL
VDD
VSS
INTn
SDA
SCL
VDDp
ADC
C3
C2
C4
C1
Hall Sensors
AS5013
Clock
Generator
Processing
Engine
I²C
Interface
Power
Management
TestCoil
RESETn
ADDR
100n
C5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32