| 전자부품 데이터시트 검색엔진 |
|
DSPIC30F0010AT-20E/PF 데이터시트(PDF) 73 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F0010AT-20E/PF 데이터시트(HTML) 73 Page - Microchip Technology |
|
73 / 236 page ![]() © 2007 Microchip Technology Inc. DS70150C-page 71 dsPIC30F6010A/6015 FIGURE 10-5: 16-BIT TIMER3 BLOCK DIAGRAM (TYPE C TIMER) TON PR3 T3IF Equal Comparator x 16 TMR3 Reset Event Flag Q Q D CK TGATE TCKPS<1:0> Prescaler 1, 8, 64, 256 2 TGATE TCY 1 0 1 x 0 1 0 0 ADC Event Trigger Sync Note: The dsPIC30F6010A/6015 devices do not have an external pin input to Timer3. These modes should not be used: 1. TCS = 1 2. TCS = 0 and TGATE = 1 (gated time accumulation) |