| 전자부품 데이터시트 검색엔진 |
|
DSPIC30F0010AT-20E/PF 데이터시트(PDF) 75 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F0010AT-20E/PF 데이터시트(HTML) 75 Page - Microchip Technology |
|
75 / 236 page ![]() TABLE 10-1: TIMER2/3 REGISTER MAP SFR Name Addr. Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Reset State TMR2 0106 Timer2 Register uuuu uuuu uuuu uuuu TMR3HLD 0108 Timer3 Holding Register (For 32-bit timer operations only) uuuu uuuu uuuu uuuu TMR3 010A Timer3 Register uuuu uuuu uuuu uuuu PR2 010C Period Register 2 1111 1111 1111 1111 PR3 010E Period Register 3 1111 1111 1111 1111 T2CON 0110 TON —TSIDL — — — — — — TGATE TCKPS1 TCKPS0 T32 —TCS — 0000 0000 0000 0000 T3CON 0112 TON —TSIDL — — — — — — TGATE TCKPS1 TCKPS0 — —TCS — 0000 0000 0000 0000 Legend: u = uninitialized bit Note: Refer to “dsPIC30F Family Reference Manual” (DS70046) for descriptions of register bit fields. |