전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSPIC33FJ06GS201TI/ML 데이터시트(PDF) 46 Page - Microchip Technology

부품명 DSPIC33FJ06GS201TI/ML
상세설명  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS201TI/ML 데이터시트(HTML) 46 Page - Microchip Technology

Back Button DSPIC33FJ06GS201TI/ML Datasheet HTML 42Page - Microchip Technology DSPIC33FJ06GS201TI/ML Datasheet HTML 43Page - Microchip Technology DSPIC33FJ06GS201TI/ML Datasheet HTML 44Page - Microchip Technology DSPIC33FJ06GS201TI/ML Datasheet HTML 45Page - Microchip Technology DSPIC33FJ06GS201TI/ML Datasheet HTML 46Page - Microchip Technology DSPIC33FJ06GS201TI/ML Datasheet HTML 47Page - Microchip Technology DSPIC33FJ06GS201TI/ML Datasheet HTML 48Page - Microchip Technology DSPIC33FJ06GS201TI/ML Datasheet HTML 49Page - Microchip Technology DSPIC33FJ06GS201TI/ML Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 346 page
background image
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
DS70318D-page 44
Preliminary
© 2009 Microchip Technology Inc.
FIGURE 4-3:
DATA MEMORY MAP FOR dsPIC33FJ06GS101/102 DEVICES WITH 256 BYTES
OF RAM
0x0000
0x07FE
0x08FE
0xFFFE
LSB
Address
16 bits
LSb
MSb
MSB
Address
0x0001
0x07FF
0xFFFF
Optionally
Mapped
into Program
Memory
0x0801
0x0800
0x0900
2-Kbyte
SFR Space
256 bytes
SRAM Space
0x8001
0x8000
SFR Space
X Data
Unimplemented (X)
0x087E
0x0880
0x087F
0x0881
0x08FF
0x0901
0x1FFF
0x1FFE
0x2001
0x2000
8-Kbyte
Near Data
Space
X Data RAM (X)
Y Data RAM (Y)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More