| 전자부품 데이터시트 검색엔진 |
|
DSPIC33FJ06GS201TI/ML 데이터시트(PDF) 19 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ06GS201TI/ML 데이터시트(HTML) 19 Page - Microchip Technology |
|
19 / 346 page ![]() © 2009 Microchip Technology Inc. Preliminary DS70318D-page 17 dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 TABLE 1-1: PINOUT I/O DESCRIPTIONS Pin Name Pin Type Buffer Type PPS Capable Description AN0-AN11 I Analog No Analog input channels CLKI CLKO I O ST/CMOS — No No External clock source input. Always associated with OSC1 pin function. Oscillator crystal output. Connects to crystal or resonator in Crystal Oscillator mode. Optionally functions as CLKO in RC and EC modes. Always associated with OSC2 pin function. OSC1 OSC2 I I/O ST/CMOS — No No Oscillator crystal input. ST buffer when configured in RC mode; CMOS otherwise. Oscillator crystal output. Connects to crystal or resonator in Crystal Oscillator mode. Optionally functions as CLKO in RC and EC modes. CN0-CN29 I ST No Change notification inputs. Can be software programmed for internal weak pull-ups on all inputs. IC1-IC2 I ST Yes Capture inputs 1/2 OCFA OC1-OC2 I O ST — Yes Yes Compare Fault A input (for Compare Channels 1 and 2) Compare Outputs 1 through 2 INT0 INT1 INT2 I I I ST ST ST No Yes Yes External Interrupt 0 External Interrupt 1 External Interrupt 2 RA0-RA4 I/O ST No PORTA is a bidirectional I/O port RB0-RB15 I/O ST No PORTB is a bidirectional I/O port RC0-RC13 I/O ST No PORTC is a bidirectional I/O port RP0-RP29 I/O ST No Remappable I/O pins T1CK T2CK T3CK I I I ST ST ST Yes Yes Yes Timer1 external clock input Timer2 external clock input Timer3 external clock input U1CTS U1RTS U1RX U1TX I O I O ST — ST — Yes Yes Yes Yes UART1 clear to send UART1 ready to send UART1 receive UART1 transmit SCK1 SDI1 SDO1 SS1 I/O I O I/O ST ST — ST Yes Yes Yes Yes Synchronous serial clock input/output for SPI1 SPI1 data in SPI1 data out SPI1 slave synchronization or frame pulse I/O SCL1 SDA1 I/O I/O ST ST No No Synchronous serial clock input/output for I2C1 Synchronous serial data input/output for I2C1 TMS TCK TDI TDO I I I O TTL TTL TTL — No No No No JTAG Test mode select pin JTAG test clock input pin JTAG test data input pin JTAG test data output pin Legend: CMOS = CMOS compatible input or output Analog = Analog input I = Input ST = Schmitt Trigger input with CMOS levels P = Power O = Output TTL = Transistor-Transistor Logic PPS = Peripheral Pin Select |