| 전자부품 데이터시트 검색엔진 |
|
MSP430F6776IPZ 데이터시트(PDF) 20 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
MSP430F6776IPZ 데이터시트(HTML) 20 Page - Texas Instruments |
|
20 / 157 page ![]() ECCN 5E002 TSPA - Technology / Software Publicly Available MSP430F677x MSP430F676x MSP430F674x SLAS768C – SEPTEMBER 2012 – REVISED APRIL 2013 www.ti.com Table 6. Terminal Functions – PZ Package (continued) TERMINAL NO. I/O(1) DESCRIPTION NAME PZ General-purpose digital I/O with port interrupt and mappable secondary function Default mapping: eUSCI_B0 SPI slave out, master in P2.5/PM_UCB0SOMI/ PM_UCB0SCL/LCDREF/ 48 I/O Default mapping: eUSCI_B0 I2C clock R13 External reference voltage input for regulated LCD voltage Input/Output port of third most positive analog LCD voltage (V3 or V4) General-purpose digital I/O with port interrupt and mappable secondary function P2.6/PM_UCB0SIMO/ Default mapping: eUSCI_B0 SPI slave in, master out 49 I/O PM_UCB0SDA/R03 Default mapping: eUSCI_B0 I2C data Input/output port of lowest analog LCD voltage (V5) General-purpose digital I/O with port interrupt and mappable secondary function P2.7/PM_UCB0CLK/CB2 50 I/O Default mapping: eUSCI_B0 clock input/output Comparator_B input CB2 General-purpose digital I/O with mappable secondary function P3.0/PM_UCA0RXD/ 51 I/O Default mapping: eUSCI_A0 UART receive data PM_UCA0SOMI Default mapping: eUSCI_A0 SPI slave out, master in General-purpose digital I/O with mappable secondary function P3.1/PM_UCA0TXD/ Default mapping: eUSCI_A0 UART transmit data 52 I/O PM_UCA0SIMO/S39 Default mapping: eUSCI_A0 SPI slave in, master out LCD segment output S39 General-purpose digital I/O with mappable secondary function P3.2/PM_UCA0CLK/S38 53 I/O Default mapping: eUSCI_A0 clock input/output LCD segment output S38 General-purpose digital I/O with mappable secondary function P3.3/PM_UCA1CLK/S37 54 I/O Default mapping: eUSCI_A1 clock input/output LCD segment output S37 General-purpose digital I/O with mappable secondary function P3.4/PM_UCA1RXD/ Default mapping: eUSCI_A1 UART receive data 55 I/O PM_UCA1SOMI/S36 Default mapping: eUSCI_A1 SPI slave out, master in LCD segment output S36 General-purpose digital I/O with mappable secondary function P3.5/PM_UCA1TXD/ Default mapping: eUSCI_A1 UART transmit data 56 I/O PM_UCA1SIMO/S35 Default mapping: eUSCI_A1 SPI slave in, master out LCD segment output S35 General-purpose digital I/O with mappable secondary function P3.6/PM_UCA2RXD/ Default mapping: eUSCI_A2 UART receive data 57 I/O PM_UCA2SOMI/S34 Default mapping: eUSCI_A2 SPI slave out, master in LCD segment output S34 General-purpose digital I/O with mappable secondary function P3.7/PM_UCA2TXD/ Default mapping: eUSCI_A2 UART transmit data 58 I/O PM_UCA2SIMO/S33 Default mapping: eUSCI_A2 SPI slave in, master out LCD segment output S33 General-purpose digital I/O with mappable secondary function P4.0/PM_UCA2CLK/S32 59 I/O Default mapping: eUSCI_A2 clock input/output LCD segment output S32 20 Submit Documentation Feedback Copyright © 2012–2013, Texas Instruments Incorporated |