| 전자부품 데이터시트 검색엔진 |
|
MSP430F6776IPZ 데이터시트(PDF) 26 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
MSP430F6776IPZ 데이터시트(HTML) 26 Page - Texas Instruments |
|
26 / 157 page ![]() ECCN 5E002 TSPA - Technology / Software Publicly Available MSP430F677x MSP430F676x MSP430F674x SLAS768C – SEPTEMBER 2012 – REVISED APRIL 2013 www.ti.com Interrupt Vector Addresses The interrupt vectors and the power-up start address are located in the address range 0FFFFh to 0FF80h. The vector contains the 16-bit address of the appropriate interrupt-handler instruction sequence. Table 9. Interrupt Sources, Flags, and Vectors SYSTEM WORD INTERRUPT SOURCE INTERRUPT FLAG PRIORITY INTERRUPT ADDRESS System Reset Power-Up External Reset WDTIFG, KEYV (SYSRSTIV)(1) (2) Reset 0FFFEh 63, highest Watchdog Timeout, Key Violation Flash Memory Key Violation System NMI SVMLIFG, SVMHIFG, DLYLIFG, DLYHIFG, PMM VLRLIFG, VLRHIFG, VMAIFG, JMBNIFG, (Non)maskable 0FFFCh 62 Vacant Memory Access JMBOUTIFG (SYSSNIV) (1) (3) JTAG Mailbox User NMI NMI NMIIFG, OFIFG, ACCVIFG, AUXSWGIFG Oscillator Fault (Non)maskable 0FFFAh 61 (SYSUNIV)(1) (3) Flash Memory Access Violation Supply Switched Watchdog Timer_A Interval Timer WDTIFG Maskable 0FFF8h 60 Mode eUSCI_A0 Receive or Transmit UCA0RXIFG, UCA0TXIFG (UCA0IV)(1) (4) Maskable 0FFF6h 59 eUSCI_B0 Receive or Transmit UCB0RXIFG, UCB0TXIFG (UCB0IV)(1) (4) Maskable 0FFF4h 58 ADC10IFG0, ADC10INIFG, ADC10LOIFG, ADC10_A ADC10HIIFG, ADC10TOVIFG, ADC10OVIFG Maskable 0FFF2h 57 (ADC10IV)(1) (4) SD24_B SD24_B Interrupt Flags (SD24IV)(1) (4) Maskable 0FFF0h 56 Timer TA0 TA0CCR0 CCIFG0(4) Maskable 0FFEEh 55 TA0CCR1 CCIFG1, TA0CCR2 CCIFG2, Timer TA0 Maskable 0FFECh 54 TA0IFG (TA0IV)(1) (4) eUSCI_A1 Receive or Transmit UCA1RXIFG, UCA1TXIFG (UCA1IV)(1) (4) Maskable 0FFEAh 53 eUSCI_A2 Receive or Transmit UCA2RXIFG, UCA2TXIFG (UCA2IV)(1) (4) Maskable 0FFE8h 52 AUXSWGIFG, AUXIFG0, AUXIFG1, AUXIFG2 Auxiliary Supplies Maskable 0FFE6h 51 (AUXIV)(1) (4) DMA DMA0IFG, DMA1IFG, DMA2IFG (DMAIV)(1) (4) Maskable 0FFE4h 50 Timer TA1 TA1CCR0 CCIFG0(4) Maskable 0FFE2h 49 TA1CCR1 CCIFG1, Timer TA1 Maskable 0FFE0h 48 TA1IFG (TA1IV)(1) (4) eUSCI_A3 Receive or Transmit UCA3RXIFG, UCA3TXIFG (UCA3IV)(1) (4) Maskable 0FFDEh 47 eUSCI_B1 Receive or Transmit UCB1RXIFG, UCB1TXIFG (UCB1IV)(1) (4) Maskable 0FFDCh 46 I/O Port P1 P1IFG.0 to P1IFG.7 (P1IV)(1) (4) Maskable 0FFDAh 45 Timer TA2 TA2CCR0 CCIFG0(4) Maskable 0FFD8h 44 TA2CCR1 CCIFG1, Timer TA2 Maskable 0FFD6h 43 TA2IFG (TA2IV)(1) (4) I/O Port P2 P2IFG.0 to P2IFG.7 (P2IV)(1) (4) Maskable 0FFD4h 42 Timer TA3 TA3CCR0 CCIFG0(4) Maskable 0FFD2h 41 TA3CCR1 CCIFG1, Timer TA3 Maskable 0FFD0h 40 TA3IFG (TA3IV)(1) (4) LCD_C LCD_C Interrupt Flags (LCDCIV)(1) (4) Maskable 0FFCEh 39 RTCOFIFG, RTCRDYIFG, RTCTEVIFG, RTC_C Maskable 0FFCCh 38 RTCAIFG, RT0PSIFG, RT1PSIFG (RTCIV)(1) (4) (1) Multiple source flags (2) A reset is generated if the CPU tries to fetch instructions from within peripheral space or vacant memory space. (3) (Non)maskable: the individual interrupt-enable bit can disable an interrupt event, but the general-interrupt enable cannot disable it. (4) Interrupt flags are located in the module. 26 Submit Documentation Feedback Copyright © 2012–2013, Texas Instruments Incorporated |