전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISP1507CBS 데이터시트(PDF) 72 Page - NXP Semiconductors

부품명 ISP1507CBS
상세설명  ULPI Hi-Speed Universal Serial Bus host and peripheral transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

ISP1507CBS 데이터시트(HTML) 72 Page - NXP Semiconductors

Back Button ISP1507CBS Datasheet HTML 66Page - NXP Semiconductors ISP1507CBS Datasheet HTML 67Page - NXP Semiconductors ISP1507CBS Datasheet HTML 68Page - NXP Semiconductors ISP1507CBS Datasheet HTML 69Page - NXP Semiconductors ISP1507CBS Datasheet HTML 70Page - NXP Semiconductors ISP1507CBS Datasheet HTML 71Page - NXP Semiconductors ISP1507CBS Datasheet HTML 72Page - NXP Semiconductors ISP1507CBS Datasheet HTML 73Page - NXP Semiconductors ISP1507CBS Datasheet HTML 74Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 72 / 74 page
background image
ISP1507C_ISP1507D_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 28 May 2008
72 of 74
NXP Semiconductors
ISP1507C; ISP1507D
ULPI HS USB host and peripheral transceiver
25. Figures
Fig 1.
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . .4
Fig 2.
Pin configuration HVQFN24; top view . . . . . . . . . .5
Fig 3.
Internal power-on reset timing . . . . . . . . . . . . . . .18
Fig 4.
Power-up and reset sequence required
before the ULPI bus is ready for use . . . . . . . . . .20
Fig 5.
Interface behavior with respect to RESET_N. . . .21
Fig 6.
Single and back-to-back RXCMDs from the
ISP1507 to the link. . . . . . . . . . . . . . . . . . . . . . . .23
Fig 7.
RXCMD A_VBUS_VLD indicator source . . . . . . .25
Fig 8.
Example of register write, register read,
extended register write and extended
register read. . . . . . . . . . . . . . . . . . . . . . . . . . . . .27
Fig 9.
USB reset and high-speed detection
handshake (chirp) sequence . . . . . . . . . . . . . . . .29
Fig 10. Example of using the ISP1507 to transmit and
receive USB data . . . . . . . . . . . . . . . . . . . . . . . . .30
Fig 11. High-speed transmit-to-transmit packet timing. . .31
Fig 12. High-speed receive-to-transmit packet timing . . .32
Fig 13. Preamble sequence . . . . . . . . . . . . . . . . . . . . . . .33
Fig 14. Full-speed suspend and resume . . . . . . . . . . . . .34
Fig 15. High-speed suspend and resume . . . . . . . . . . . .36
Fig 16. Remote wake-up from low-power mode . . . . . . .38
Fig 17. Transmitting USB packets without the
automatic SYNC and EOP generation. . . . . . . . .39
Fig 18. Example of transmit followed by receive in
6-pin serial mode . . . . . . . . . . . . . . . . . . . . . . . . .41
Fig 19. Example of transmit followed by receive in
3-pin serial mode . . . . . . . . . . . . . . . . . . . . . . . . .41
Fig 20. Human body ESD test model. . . . . . . . . . . . . . . .52
Fig 21. Rise time and fall time . . . . . . . . . . . . . . . . . . . . .61
Fig 22. Timing of TX_DAT and TX_SE0 to DP and DM . .61
Fig 23. Timing of TX_ENABLE to DP and DM. . . . . . . . .61
Fig 24. Timing of DP and DM to RX_RCV, RX_DP
and RX_DM . . . . . . . . . . . . . . . . . . . . . . . . . . . . .61
Fig 25. ULPI timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . .61
Fig 26. Using the ISP1507 with a USB host controller;
external 5 V source with built-in FAULT and
external crystal. . . . . . . . . . . . . . . . . . . . . . . . . . .63
Fig 27. Using the ISP1507 with a peripheral controller;
external square wave input on pin XTAL1 . . . . . .64
Fig 28. Package outline SOT616-3 (HVQFN24) . . . . . . .65
Fig 29. Temperature profiles for large and small
components . . . . . . . . . . . . . . . . . . . . . . . . . . . . .68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74