전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC367NTJ000F 데이터시트(PDF) 2 Page - Sharp Corporation

부품명 PC367NTJ000F
상세설명  Mini-flat Package High CMR, Low Input Current Type Photocoupler
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHARP [Sharp Corporation]
홈페이지  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC367NTJ000F 데이터시트(HTML) 2 Page - Sharp Corporation

  PC367NTJ000F Datasheet HTML 1Page - Sharp Corporation PC367NTJ000F Datasheet HTML 2Page - Sharp Corporation PC367NTJ000F Datasheet HTML 3Page - Sharp Corporation PC367NTJ000F Datasheet HTML 4Page - Sharp Corporation PC367NTJ000F Datasheet HTML 5Page - Sharp Corporation PC367NTJ000F Datasheet HTML 6Page - Sharp Corporation PC367NTJ000F Datasheet HTML 7Page - Sharp Corporation PC367NTJ000F Datasheet HTML 8Page - Sharp Corporation PC367NTJ000F Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
■ Internal Connection Diagram
Anode
Cathode
Emitter
Collector
1
1
2
3
4
2
4
3
2
Sheet No.: D2-A00502EN
■ Outline Dimensions
(Unit : mm)
Rank mark
5.3±
0.3
0.5+
0.4
−0.2
7.0+
0.2
−0.7
Epoxy resin
45˚
1
2 0.4±0.1
4
3
3.6±
0.3
2.54±
0.25
367
SHARP mark
"s"
Date code
Factory identification mark
Anode mark
PC367NJ0000F Series
Plating material : SnCu (Cu : TYP. 2%)
Product mass : approx. 0.1g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com