전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC367NTJ000F 데이터시트(PDF) 5 Page - Sharp Corporation

부품명 PC367NTJ000F
상세설명  Mini-flat Package High CMR, Low Input Current Type Photocoupler
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHARP [Sharp Corporation]
홈페이지  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC367NTJ000F 데이터시트(HTML) 5 Page - Sharp Corporation

  PC367NTJ000F Datasheet HTML 1Page - Sharp Corporation PC367NTJ000F Datasheet HTML 2Page - Sharp Corporation PC367NTJ000F Datasheet HTML 3Page - Sharp Corporation PC367NTJ000F Datasheet HTML 4Page - Sharp Corporation PC367NTJ000F Datasheet HTML 5Page - Sharp Corporation PC367NTJ000F Datasheet HTML 6Page - Sharp Corporation PC367NTJ000F Datasheet HTML 7Page - Sharp Corporation PC367NTJ000F Datasheet HTML 8Page - Sharp Corporation PC367NTJ000F Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Sheet No.: D2-A00502EN
Model Line-up
5
Please contact a local SHARP sales representative to inquire about production status.
PC367NJ0000F Series
PC367NJ0000F
PC367N1J000F
PC367N2J000F
PC367NT0000F
PC367N1T000F
PC367N2T000F
Package
with or without
A
B
Model No.
IC [mA]
(IF
=0.5mA, VCE=5V, Ta=25˚C)
0.5 to 2.5
0.75 to 1.5
1.0 to 2.0
3 000pcs/reel
750pcs/reel
Taping
Rank mark



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com