| 전자부품 데이터시트 검색엔진 |
|
MPC8548ECPXATJB 데이터시트(PDF) 5 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8548ECPXATJB 데이터시트(HTML) 5 Page - Freescale Semiconductor, Inc |
|
5 / 151 page ![]() MPC8548E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 9 Freescale Semiconductor 5 Overview — AESU—Advanced Encryption Standard unit – Implements the Rijndael symmetric key cipher – ECB, CBC, CTR, and CCM modes – 128-, 192-, and 256-bit key lengths — AFEU—ARC four execution unit – Implements a stream cipher compatible with the RC4 algorithm – 40- to 128-bit programmable key — MDEU—message digest execution unit – SHA with 160- or 256-bit message digest – MD5 with 128-bit message digest – HMAC with either algorithm — KEU—Kasumi execution unit – Implements F8 algorithm for encryption and F9 algorithm for integrity checking – Also supports A5/3 and GEA-3 algorithms — RNG—random number generator — XOR engine for parity checking in RAID storage applications • Dual I2C controllers — Two-wire interface — Multiple master support — Master or slave I2C mode support — On-chip digital filtering rejects spikes on the bus • Boot sequencer — Optionally loads configuration data from serial ROM at reset via the I2C interface — Can be used to initialize configuration registers and/or memory — Supports extended I2C addressing mode — Data integrity checked with preamble signature and CRC • DUART — Two 4-wire interfaces (SIN, SOUT, RTS, CTS) — Programming model compatible with the original 16450 UART and the PC16550D • Local bus controller (LBC) — Multiplexed 32-bit address and data bus operating at up to 133 MHz — Eight chip selects support eight external slaves — Up to eight-beat burst transfers — The 32-, 16-, and 8-bit port sizes are controlled by an on-chip memory controller. — Three protocol engines available on a per chip select basis: – General-purpose chip select machine (GPCM) – Three user programmable machines (UPMs) |