전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADL5372ACPZ-R71 데이터시트(PDF) 11 Page - Analog Devices

부품명 ADL5372ACPZ-R71
상세설명  1500 MHz to 2500 MHz Quadrature Modulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADL5372ACPZ-R71 데이터시트(HTML) 11 Page - Analog Devices

Back Button ADL5372ACPZ-R71 Datasheet HTML 7Page - Analog Devices ADL5372ACPZ-R71 Datasheet HTML 8Page - Analog Devices ADL5372ACPZ-R71 Datasheet HTML 9Page - Analog Devices ADL5372ACPZ-R71 Datasheet HTML 10Page - Analog Devices ADL5372ACPZ-R71 Datasheet HTML 11Page - Analog Devices ADL5372ACPZ-R71 Datasheet HTML 12Page - Analog Devices ADL5372ACPZ-R71 Datasheet HTML 13Page - Analog Devices ADL5372ACPZ-R71 Datasheet HTML 14Page - Analog Devices ADL5372ACPZ-R71 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ADL5372
Rev. 0 | Page 11 of 24
THEORY OF OPERATION
CIRCUIT DESCRIPTION
Overview
The ADL5372 can be divided into five circuit blocks: the LO
interface, the baseband voltage-to-current (V-to-I) converter,
the mixers, the differential-to-single-ended (D-to-S) stage, and
the bias circuit. A detailed block diagram of the device is shown
in Figure 24.
PHASE
SPLITTER
OUT
LOIP
LOIN
IBBP
IBBN
QBBP
QBBN
Σ
Figure 24. Block Diagram
The LO interface generates two LO signals in quadrature. These
signals are used to drive the mixers. The I and Q baseband input
signals are converted to currents by the V-to-I stages, which
then drive the two mixers. The outputs of these mixers combine
to feed the output balun, which provides a single-ended output.
The bias cell generates reference currents for the V-to-I stage.
LO Interface
The LO interface consists of a polyphase quadrature splitter
followed by a limiting amplifier. The LO input impedance is set
by the polyphase. The LO can be driven either single-ended or
differentially. When driven single-ended, the LOIN pin should
be ac grounded via a capacitor. Each quadrature LO signal then
passes through a limiting amplifier that provides the mixer with
a limited drive signal.
V-to-I Converter
The differential baseband inputs (QBBP, QBBN, IBBN, and
IBBP) consist of the bases of PNP transistors, which present a
high impedance. The voltages applied to these pins drive the
V-to-I stage that converts baseband voltages into currents. The
differential output currents of the V-to-I stages feed each of their
respective Gilbert-cell mixers. The dc common-mode voltage at
the baseband inputs sets the currents in the two mixer cores.
Varying the baseband common-mode voltage influences the
current in the mixer and affects overall modulator performance.
The recommended dc voltage for the baseband common-mode
voltage is 500 mV dc.
Mixers
The ADL5372 has two double-balanced mixers: one for the
in-phase channel (I-channel) and one for the quadrature
channel (Q-channel). Both mixers are based on the Gilbert-cell
design of four cross-connected transistors. The output currents
from the two mixers sum together into a load. The signal
developed across this load is used to drive the D-to-S stage.
D-to-S Stage
The output D-to-S stage consists of an on-chip balun that
converts the differential signal to a single-ended signal. The
balun presents high impedance to the output (VOUT). Hence, a
matching network may be needed at the output for optimal
power transfer.
Bias Circuit
An on-chip band gap reference circuit is used to generate a
proportional-to-absolute temperature (PTAT) reference current
for the V-to-I stage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24