전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSEC29-06AC 데이터시트(PDF) 2 Page - IXYS Corporation

부품명 DSEC29-06AC
상세설명  High Performance Fast Recovery Diode Low Loss and Soft Recovery Common Cathode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IXYS [IXYS Corporation]
홈페이지  http://www.ixys.com
Logo IXYS - IXYS Corporation

DSEC29-06AC 데이터시트(HTML) 2 Page - IXYS Corporation

  DSEC29-06AC Datasheet HTML 1Page - IXYS Corporation DSEC29-06AC Datasheet HTML 2Page - IXYS Corporation DSEC29-06AC Datasheet HTML 3Page - IXYS Corporation DSEC29-06AC Datasheet HTML 4Page - IXYS Corporation DSEC29-06AC Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DSEC29-06AC
ns
5
A
T
VJ =°C
reverse recovery time
A
7
35
95
ns
I
RM
max. reverse recovery current
IF =A;
15
25
T= 100°C
VJ
-diF
=A/µs
200
/dt
t
rr
VR =V
300
TVJ =°C
25
T= 100°C
VJ
EAS
0.1
mJ
I
AS =A
L =
µH
I
AR
A
VA =0.1
f = 10 kHz
1.5·V
R typ.:
1
180
non-repetitive avalanche energy
repetitive avalanche current
T=
°C
25
VJ
V
=
V
Symbol
Definition
Ratings
typ.
max.
I
R
V
I
A
V
F
2.04
R
1.6 K/W
R
min.
15
VRSM
V
100
T
= 25°C
VJ
T
=
°C
VJ
mA
0.5
V
=
V
R
T
= 25°C
VJ
I =
A
F
V
T =
°C
C
140
P
tot
95
W
T
= 25°C
C
R
K/W
15
600
max. non-repetitive reverse blocking voltage
reverse current, drain current
forward voltage drop
total power dissipation
Conditions
Unit
2.25
T
= 25°C
VJ
150
V
F0
V
0.99
T
=
°C
VJ
175
rF
15
mΩ
V
1.34
T
=
°C
VJ
I =
A
F
V
15
1.59
I =
A
F
30
I =
A
F
30
threshold voltage
slope resistance
for power loss calculation only
µA
150
VRRM
V
600
max. repetitive reverse blocking voltage
T
= 25°C
VJ
C
J
12
junction capacitance
V =
V
400
T
= 25°C
f = 1 MHz
R
VJ
pF
I
FSM
t = 10 ms; (50 Hz), sine;
T
= 45°C
VJ
max. forward surge current
V = 0 V
R
T
=
°C
VJ
175
110
A
600
FAV
d =
rectangular
0.5
average forward current
thermal resistance junction to case
thJC
thermal resistance case to heatsink
thCH
Fast Diode
600
0.50
IXYS reserves the right to change limits, conditions and dimensions.
20131024b
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2013 IXYS all rights reserved



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com