전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FXLC95000CL 데이터시트(PDF) 29 Page - Freescale Semiconductor, Inc

부품명 FXLC95000CL
상세설명  Xtrinsic FXLC95000CL Intelligent, Motion-Sensing Platform
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXLC95000CL 데이터시트(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button FXLC95000CL Datasheet HTML 25Page - Freescale Semiconductor, Inc FXLC95000CL Datasheet HTML 26Page - Freescale Semiconductor, Inc FXLC95000CL Datasheet HTML 27Page - Freescale Semiconductor, Inc FXLC95000CL Datasheet HTML 28Page - Freescale Semiconductor, Inc FXLC95000CL Datasheet HTML 29Page - Freescale Semiconductor, Inc FXLC95000CL Datasheet HTML 30Page - Freescale Semiconductor, Inc FXLC95000CL Datasheet HTML 31Page - Freescale Semiconductor, Inc FXLC95000CL Datasheet HTML 32Page - Freescale Semiconductor, Inc FXLC95000CL Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
5.11.1 Slave I2C
Table 12. I2C speed ranges
Mode
Max Baud
Rate
(fSCL)
Minimum
Bit Time
Minimum SCL
Low
(tLOW)
Minimum SCL
High
(tHIGH)
Min Data Set-
up Time
(tSU; DAT)
Min/Max Data Hold
Time
(tHD; DAT)
Standard
100 KHz
10 μs
4.7 μs
4 μs
250 ns
0 μs/3.45 μs1
Fast
400 KHz
2.5 μs
1.3 μs
0.6 μs
100 ns
0 μs/0.9 μs1
Fast +
1 MHz
1 μs
500 ns
260 ns
50 ns
0 μs/0.45 μs1
High-speed
supported
2.0 MHz
0.5 μs
200 ns
200 ns
10 ns
0 ns/70 ns (100 pf)2
1. The maximum tHD;DAT must be at least a transmission time less than tVD;DAT or tVD;ACK. For details, see the I2C
standard.
2. Timing met with IFE = 0, DS = 1, and SE = 1. For more information, refer to Port Control Registers in the
FXLC95000CL Hardware Reference Manual.
5.11.2 Master I2C Timing
The master I2C should only be used when the system clock is running at full speed.
Do not attempt to use the master I2C across frames in which a portion of the time is
spent in low-speed mode.
Table 13. Master I2C timing
Characteristic
Symbol
Standard Mode
Fast Mode
Unit
Min
Max
Min
Max
SCL clock frequency
fSCL
0
100
0
400
kHz
Hold time (repeated) START condition. After
this period, the first clock pulse is generated.
tHD; STA
4.0
0.6
μs
LOW period of the SCL clock
tLOW
4.7
1.3
μs
HIGH period of the SCL clock
tHIGH
4.0
0.6
μs
Set-up time for a repeated START condition
tSU; STA
4.7
0.6
μs
Data Hold Time for I2C bus devices
tHD; DAT
01
3.452
01
0.92
μs
Data set-up time
tSU; DAT
250
1003, 4
ns
Set-up time for STOP condition
tSU; STO
4.0
0.6
μs
Bus free time between STOP and START
condition
tBUF
4.7
1.3
μs
Pulse width of spikes that must be suppressed
by the input filter
tSP
N/A
N/A
0
50
μs
1. The master mode I2C deasserts ACK of an address byte simultaneously with the falling edge of SCL. If no slaves
acknowledge this address byte, a negative hold time can result, depending on the edge rates of the SDA and SCL
lines.
2. The maximum tHD; DAT must be met only if the device does not stretch the LOW period (tLOW) of the SCL signal.
Mechanical and Electrical Specifications
Xtrinsic FXLC95000CL Intelligent, Motion-Sensing Platform, Rev1.2, 8/2013.
29
Freescale Semiconductor, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com