| 전자부품 데이터시트 검색엔진 |
|
PIC16F1508TESSQTO 데이터시트(PDF) 202 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F1508TESSQTO 데이터시트(HTML) 202 Page - Microchip Technology |
|
202 / 384 page ![]() Receiving Address Receiving Data Received Data P A7 A6 A5 A4 A3 A2 A1 D7 D6 D5 D4 D3 D2 D1 D0 D7 D6 D5 D4 D3 D2 D1 D0 SDAx SCLx BF CKP S P 12 3 4 5 6 7 8 9 1 2 3 4 56 78 9 1 2 3 4 56 78 Master sends Stop condition S Data is read from SSPxBUF Cleared by software SSPxIF is set on 9th falling edge of SCLx, after ACK CKP set by software, SCLx is released Slave software 9 ACKTIM cleared by hardware in 9th rising edge of SCLx sets ACKDT to not ACK When DHEN=1: CKP is cleared by hardware on 8th falling edge of SCLx Slave software clears ACKDT to ACK the received byte ACKTIM set by hardware on 8th falling edge of SCLx When AHEN=1: CKP is cleared by hardware and SCLx is stretched Address is read from SSBUF ACKTIM set by hardware on 8th falling edge of SCLx ACK Master Releases SDAx to slave for ACK sequence No interrupt after not ACK from Slave ACK=1 ACK ACKDT ACKTIM SSPxIF If AHEN = 1: SSPxIF is set |