| 전자부품 데이터시트 검색엔진 |
|
PIC16F1508TESSQTO 데이터시트(PDF) 11 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F1508TESSQTO 데이터시트(HTML) 11 Page - Microchip Technology |
|
11 / 384 page ![]() 2011 Microchip Technology Inc. Preliminary DS41609A-page 11 PIC16(L)F1508/9 TABLE 1-2: PIC16(L)F1508/9 PINOUT DESCRIPTION Name Function Input Type Output Type Description RA0/AN0/C1IN+/DACOUT1/ ICSPDAT/ICDDAT RA0 TTL CMOS General purpose I/O. AN0 AN — A/D Channel input. C1IN+ AN — Comparator positive input. DACOUT1 — AN Digital-to-Analog Converter output. ICSPDAT ST CMOS ICSP™ Data I/O. ICDDAT ST CMOS In-Circuit Debug data. RA1/AN1/CLC4IN1/VREF+/ C1IN0-/C2IN0-/ICSPCLK/ ICDCLK RA1 TTL CMOS General purpose I/O. AN1 AN — A/D Channel input. CLC4IN1 ST — Configurable Logic Cell source input. VREF+ AN — A/D Positive Voltage Reference input. C1IN0- AN — Comparator negative input. C2IN0- AN — Comparator negative input. ICSPCLK ST — ICSP Programming Clock. ICDCLK ST — In-Circuit Debug Clock. RA2/AN2/C1OUT/DACOUT2/ T0CKI/INT/PWM3/CLC1(1)/ CWG1FLT RA2 ST CMOS General purpose I/O. AN2 AN — A/D Channel input. C1OUT — CMOS Comparator output. DACOUT2 — AN Digital-to-Analog Converter output. T0CKI ST — Timer0 clock input. INT ST — External interrupt. PWM3 — CMOS PWM output. CLC1 — CMOS Configurable Logic Cell source output. CWG1FLT ST — Complementary Waveform Generator Fault input. RA3/CLC1IN0/VPP/T1G(2)/SS(2)/ MCLR RA3 TTL — General purpose input with IOC and WPU. CLC1IN0 ST — Configurable Logic Cell source input. VPP HV — Programming voltage. T1G ST — Timer1 Gate input. SS ST — Slave Select input. MCLR ST — Master Clear with internal pull-up. RA4/AN3/SOSCO/ CLKOUT/T1G RA4 TTL CMOS General purpose I/O. AN3 AN — A/D Channel input. SOSCO XTAL XTAL Secondary Oscillator Connection. CLKOUT — CMOS FOSC/4 output. T1G ST — Timer1 Gate input. RA5/CLKIN/T1CKI/NCO1CLK/ SOSCI RA5 TTL CMOS General purpose I/O. CLKIN CMOS — External clock input (EC mode). T1CKI ST — Timer1 clock input. NCO1CLK ST — Numerically Controlled Oscillator Clock source input. SOSCI XTAL XTAL Secondary Oscillator Connection. Legend: AN = Analog input or output CMOS= CMOS compatible input or output OD = Open Drain TTL = TTL compatible input ST = Schmitt Trigger input with CMOS levels I2C™ = Schmitt Trigger input with I2C HV = High Voltage XTAL = Crystal levels Note 1: Default location for peripheral pin function. Alternate location can be selected using the APFCON register. 2: Alternate location for peripheral pin function selected by the APFCON register. |