| 전자부품 데이터시트 검색엔진 |
|
PIC16F1508TESSSQTP 데이터시트(PDF) 9 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F1508TESSSQTP 데이터시트(HTML) 9 Page - Microchip Technology |
|
9 / 384 page ![]() 2011 Microchip Technology Inc. Preliminary DS41609A-page 9 PIC16(L)F1508/9 1.0 DEVICE OVERVIEW The PIC16(L)F1508/9 are described within this data sheet. They are available in 14-pin packages. Figure 1-1 shows a block diagram of the PIC16(L)F1508/9 devices. Tables 1-2 shows the pinout descriptions. Reference Table 1-1 for peripherals available per device. TABLE 1-1: DEVICE PERIPHERAL SUMMARY Peripheral Analog-to-Digital Converter (ADC) ● ● ● ● ● ●●● Complementary Wave Generator (CWG) ● ● ● ● ● ●●● Digital-to-Analog Converter (DAC) ● ● ● ● ●● Enhanced Universal Synchronous/Asynchronous Receiver/Transmitter (EUSART) ●● Fixed Voltage Reference (FVR) ● ● ● ● ● ●●● Numerically Controlled Oscillator (NCO) ● ● ● ● ● ●●● Temperature Indicator ● ● ● ● ● ●●● Comparators C1 ● ● ● ● ●● C2 ● ● ●● Configurable Logic Cell (CLC) CLC1 ● ● ● ● ● ●●● CLC2 ● ● ● ● ● ●●● CLC3 ●● CLC4 ●● Master Synchronous Serial Ports MSSP1 ● ● ●● PWM Modules PWM1 ● ● ● ● ● ●●● PWM2 ● ● ● ● ● ●●● PWM3 ● ● ● ● ● ●●● PWM4 ● ● ● ● ● ●●● Timers Timer0 ● ● ● ● ● ●●● Timer1 ● ● ● ● ● ●●● Timer2 ● ● ● ● ● ●●● |