| 전자부품 데이터시트 검색엔진 |
|
PIC16F1508TESSSQTP 데이터시트(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F1508TESSSQTP 데이터시트(HTML) 13 Page - Microchip Technology |
|
13 / 384 page ![]() 2011 Microchip Technology Inc. Preliminary DS41609A-page 13 PIC16(L)F1508/9 RC5/PWM1/CLC1(2)/ CWG1A RC5 TTL CMOS General purpose I/O. PWM1 — CMOS PWM output. CLC1 — CMOS Configurable Logic Cell source output. CWG1A — CMOS CWG primary output. RC6/AN8/NCO1(2)/CLC3IN1/ SS(1) RC6 TTL CMOS General purpose I/O. AN8 AN — A/D Channel input. NCO1 — CMOS Numerically Controlled Oscillator source output. CLC3IN1 ST — Configurable Logic Cell source input. SS ST — Slave Select input. RC7/AN9/CLC1IN1/SDO RC7 TTL CMOS General purpose I/O. AN9 AN — A/D Channel input. CLC1IN1 ST — Configurable Logic Cell source input. SDO — CMOS SPI data output. VDD VDD Power — Positive supply. VSS VSS Power — Ground reference. TABLE 1-2: PIC16(L)F1508/9 PINOUT DESCRIPTION (CONTINUED) Name Function Input Type Output Type Description Legend: AN = Analog input or output CMOS= CMOS compatible input or output OD = Open Drain TTL = TTL compatible input ST = Schmitt Trigger input with CMOS levels I2C™ = Schmitt Trigger input with I2C HV = High Voltage XTAL = Crystal levels Note 1: Default location for peripheral pin function. Alternate location can be selected using the APFCON register. 2: Alternate location for peripheral pin function selected by the APFCON register. |