전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAS85 데이터시트(PDF) 3 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

부품명 BAS85
상세설명  Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
홈페이지  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

BAS85 데이터시트(HTML) 3 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  BAS85 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BAS85 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BAS85 Datasheet HTML 3Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BAS85 Datasheet HTML 4Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
WEJ
ELECTRONIC
CO.,LTD
Characteristics (Tj=25℃ unless otherwise specified)
Figure 1. Admissible power dissipation
vs. ambient temperature
Figure 2. Typical instantaneous forward
characteristics
Figure 3. Typical reverse characteristics
Figure 4. Typical junction capacitance
Forward voltage: VF(V)
Ambient temperature: Ta(℃)
Reverse voltage: VR(V)
Reverse voltage: VR(V)
BAS85
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com