전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAS85 데이터시트(PDF) 4 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

부품명 BAS85
상세설명  Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
홈페이지  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

BAS85 데이터시트(HTML) 4 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  BAS85 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BAS85 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BAS85 Datasheet HTML 3Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BAS85 Datasheet HTML 4Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
WEJ
ELECTRONIC
CO.,LTD
Electrical Characteristics
Tj=25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Reverse breakdown voltage
V(BR)R
IR=10μA (pulsed)
30
-
-
V
Leakage current
IR
VR=25V
-
-
2
μ
A
IF=0.1mA
-
-
0.24
V
IF=1mA
-
-
0.32
V
IF=10mA
-
-
0.4
V
IF=30mA
-
0.5
-
V
Forward voltage
Pulse test tp<300μs, δ<2%
VF
IF=100mA
-
-
0.8
V
Capacitance
Ctot
VR=1V, f=1MHz
-
-
10
pF
Reverse recovery time
trr
IF=10mA to IR=10mA
to IR =0.1mA IR
-
-
5
ns
BAS85
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com