| 전자부품 데이터시트 검색엔진 |
|
MCP2120-IP 데이터시트(PDF) 23 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP2120-IP 데이터시트(HTML) 23 Page - Microchip Technology |
|
23 / 36 page ![]() © 2007 Microchip Technology Inc. DS21618B-page 23 MCP2120 FIGURE 4-9: RXIR and RX Waveforms TABLE 4-9: RXIR REQUIREMENTS AC Characteristics Standard Operating Conditions (unless otherwise specified) Operating Temperature –40 °C ≤ TA ≤ +85°C (industrial) Operating Voltage VDD range is described in Section 4.1 “DC Characteristics” Param. No. Sym Characteristic Min Typ Max Units Conditions IR110 TRXBIT Receive Baud Rate Hardware Selection 768 — 768 TOSC BAUD2:BAUD0 = 000 384 — 384 TOSC BAUD2:BAUD0 = 001 192 — 192 TOSC BAUD2:BAUD0 = 010 128 — 128 TOSC BAUD2:BAUD0 = 011 64 — 64 TOSC BAUD2:BAUD0 = 100 Software Selection BAUD2:BAUD0 = 111 768 — 768 TOSC Hex Command = 0x87 384 — 384 TOSC Hex Command = 0x8B 192 — 192 TOSC Hex Command = 0x85 128 — 128 TOSC Hex Command = 0x83 64 — 64 TOSC Hex Command = 0x81 IR130 TRXIRL2RXH RXIR falling edge ( ↓) to RX falling edge ( ↓) (1) 8TBITCLK - 8.34 µs 88TBITCLK + 8.34 µs TBITCLK IR131A TRXIRPW RXIR pulse width 3 — 3 TOSC IR132 TRXIRP RXIR bit period (1) —16 — TBITCLK Note 1: TBITCLK = TRXBIT/16 BITCLK RX RXIR 01 0 0 0 1 IR131A IR110 IR131B IR131B IR131B IR131B IR131B IR131B IR130 Start Bit Data bit 7 Data bit 6 Data bit 5 Data bit ... Start Bit Data bit 7 Data bit 6 Data bit 5 Data bit ... |