| 전자부품 데이터시트 검색엔진 |
|
MCP2120-IP 데이터시트(PDF) 27 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP2120-IP 데이터시트(HTML) 27 Page - Microchip Technology |
|
27 / 36 page ![]() © 2007 Microchip Technology Inc. DS21618B-page 27 MCP2120 6.0 PACKAGING INFORMATION 6.1 Package Marking Information 14-Lead PDIP (300 mil) Example: 14-Lead SOIC (150 mil) Example: XXXXXXXX XXXXXNNN YYWW XXXXXXX XXXXXXX YYWWNNN MCP2120 PSAZNNN YYWW MCP2120 /SL YYWWNNN Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e 3 e 3 e |