| 전자부품 데이터시트 검색엔진 |
|
PIC18F8722IPTSQTP 데이터시트(PDF) 20 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F8722IPTSQTP 데이터시트(HTML) 20 Page - Microchip Technology |
|
20 / 446 page ![]() PIC18F8722 FAMILY DS39646C-page 18 © 2008 Microchip Technology Inc. PORTE is a bidirectional I/O port. RE0/RD/P2D RE0 RD P2D 2 I/O I O ST TTL — Digital I/O. Read control for Parallel Slave Port. ECCP2 PWM output D. RE1/WR/P2C RE1 WR P2C 1 I/O I O ST TTL — Digital I/O. Write control for Parallel Slave Port. ECCP2 PWM output C. RE2/CS/P2B RE2 CS P2B 64 I/O I O ST TTL — Digital I/O. Chip select control for Parallel Slave Port. ECCP2 PWM output B. RE3/P3C RE3 P3C 63 I/O O ST — Digital I/O. ECCP3 PWM output C. RE4/P3B RE4 P3B 62 I/O O ST — Digital I/O. ECCP3 PWM output B. RE5/P1C RE5 P1C 61 I/O O ST — Digital I/O. ECCP1 PWM output C. RE6/P1B RE6 P1B 60 I/O O ST — Digital I/O. ECCP1 PWM output B. RE7/ECCP2/P2A RE7 ECCP2(2) P2A(2) 59 I/O I/O O ST ST — Digital I/O. Enhanced Capture 2 input/Compare 2 output/ PWM 2 output. ECCP2 PWM output A. TABLE 1-3: PIC18F6527/6622/6627/6722 PINOUT I/O DESCRIPTIONS (CONTINUED) Pin Name Pin Number Pin Type Buffer Type Description TQFP Legend: TTL = TTL compatible input CMOS = CMOS compatible input or output ST = Schmitt Trigger input with CMOS levels Analog= Analog input I = Input O = Output P= Power I2C™ = I2C/SMBus input buffer Note 1: Default assignment for ECCP2 when Configuration bit, CCP2MX, is set. 2: Alternate assignment for ECCP2 when Configuration bit, CCP2MX, is cleared. |