전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F8722IPTSQTP 데이터시트(PDF) 18 Page - Microchip Technology

부품명 PIC18F8722IPTSQTP
상세설명  64/80-Pin, 1-Mbit, Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  446 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F8722IPTSQTP 데이터시트(HTML) 18 Page - Microchip Technology

Back Button PIC18F8722IPTSQTP Datasheet HTML 14Page - Microchip Technology PIC18F8722IPTSQTP Datasheet HTML 15Page - Microchip Technology PIC18F8722IPTSQTP Datasheet HTML 16Page - Microchip Technology PIC18F8722IPTSQTP Datasheet HTML 17Page - Microchip Technology PIC18F8722IPTSQTP Datasheet HTML 18Page - Microchip Technology PIC18F8722IPTSQTP Datasheet HTML 19Page - Microchip Technology PIC18F8722IPTSQTP Datasheet HTML 20Page - Microchip Technology PIC18F8722IPTSQTP Datasheet HTML 21Page - Microchip Technology PIC18F8722IPTSQTP Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 446 page
background image
PIC18F8722 FAMILY
DS39646C-page 16
© 2008 Microchip Technology Inc.
PORTC is a bidirectional I/O port.
RC0/T1OSO/T13CKI
RC0
T1OSO
T13CKI
30
I/O
O
I
ST
—
ST
Digital I/O.
Timer1 oscillator output.
Timer1/Timer3 external clock input.
RC1/T1OSI/ECCP2/P2A
RC1
T1OSI
ECCP2(1)
P2A(1)
29
I/O
I
I/O
O
ST
CMOS
ST
—
Digital I/O.
Timer1 oscillator input.
Enhanced Capture 2 input/Compare 2 output/
PWM 2 output.
ECCP2 PWM output A.
RC2/ECCP1/P1A
RC2
ECCP1
P1A
33
I/O
I/O
O
ST
ST
—
Digital I/O.
Enhanced Capture 1 input/Compare 1 output/
PWM 1 output.
ECCP1 PWM output A.
RC3/SCK1/SCL1
RC3
SCK1
SCL1
34
I/O
I/O
I/O
ST
ST
ST
Digital I/O.
Synchronous serial clock input/output for SPI mode.
Synchronous serial clock input/output for I2C™ mode.
RC4/SDI1/SDA1
RC4
SDI1
SDA1
35
I/O
I
I/O
ST
ST
ST
Digital I/O.
SPI data in.
I2C data I/O.
RC5/SDO1
RC5
SDO1
36
I/O
O
ST
—
Digital I/O.
SPI data out.
RC6/TX1/CK1
RC6
TX1
CK1
31
I/O
O
I/O
ST
—
ST
Digital I/O.
EUSART1 asynchronous transmit.
EUSART1 synchronous clock (see related RX1/DT1).
RC7/RX1/DT1
RC7
RX1
DT1
32
I/O
I
I/O
ST
ST
ST
Digital I/O.
EUSART1 asynchronous receive.
EUSART1 synchronous data (see related TX1/CK1).
TABLE 1-3:
PIC18F6527/6622/6627/6722 PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin Number
Pin
Type
Buffer
Type
Description
TQFP
Legend: TTL = TTL compatible input
CMOS
= CMOS compatible input or output
ST
= Schmitt Trigger input with CMOS levels Analog= Analog input
I
= Input
O
= Output
P= Power
I2C™
= I2C/SMBus input buffer
Note 1:
Default assignment for ECCP2 when Configuration bit, CCP2MX, is set.
2:
Alternate assignment for ECCP2 when Configuration bit, CCP2MX, is cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More