전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MP6505 데이터시트(PDF) 6 Page - Monolithic Power Systems

부품명 MP6505
상세설명  4.5V-to-16V,400mA, Single-Phase Brushless-DC.Motor Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MPS [Monolithic Power Systems]
홈페이지  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6505 데이터시트(HTML) 6 Page - Monolithic Power Systems

Back Button MP6505 Datasheet HTML 2Page - Monolithic Power Systems MP6505 Datasheet HTML 3Page - Monolithic Power Systems MP6505 Datasheet HTML 4Page - Monolithic Power Systems MP6505 Datasheet HTML 5Page - Monolithic Power Systems MP6505 Datasheet HTML 6Page - Monolithic Power Systems MP6505 Datasheet HTML 7Page - Monolithic Power Systems MP6505 Datasheet HTML 8Page - Monolithic Power Systems MP6505 Datasheet HTML 9Page - Monolithic Power Systems MP6505 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MP6505-SINGLE-PHASE BRUSHLESS DC MOTOR DRIVER
MP6505 Rev.1.0
www.MonolithicPower.com
6
3/14/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
fCOSC=30kHz, CT=1μF, VTH=0V, VIN=12V, CIN=10μF, Lmotor=5mH, Rmotor=10Ω, TA=25°C, unless
otherwise noted.
VOUT1
10V/div.
VOUT2
10V/div.
VFG
5V/div.
IOUT
1A/div.
Steady State
VOUT1
10V/div.
VOUT2
10V/div.
VIN
10V/div.
IOUT
2A/div.
VOUT1
10V/div.
VOUT2
10V/div.
VIN
10V/div.
IOUT
1A/div.
VOUT1
10V/div.
VOUT2
10V/div.
VRD
5V/div.
IOUT
1A/div.
Power Ramp Down
Power Ramp Up
Locked-rotor Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com