전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MP6505 데이터시트(PDF) 1 Page - Monolithic Power Systems

부품명 MP6505
상세설명  4.5V-to-16V,400mA, Single-Phase Brushless-DC.Motor Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MPS [Monolithic Power Systems]
홈페이지  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6505 데이터시트(HTML) 1 Page - Monolithic Power Systems

  MP6505 Datasheet HTML 1Page - Monolithic Power Systems MP6505 Datasheet HTML 2Page - Monolithic Power Systems MP6505 Datasheet HTML 3Page - Monolithic Power Systems MP6505 Datasheet HTML 4Page - Monolithic Power Systems MP6505 Datasheet HTML 5Page - Monolithic Power Systems MP6505 Datasheet HTML 6Page - Monolithic Power Systems MP6505 Datasheet HTML 7Page - Monolithic Power Systems MP6505 Datasheet HTML 8Page - Monolithic Power Systems MP6505 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MP6505
4.5V-to-16V,400mA, Single-Phase
Brushless-DC–Motor Driver
MP6505 Rev.1.0
www.MonolithicPower.com
1
3/14/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP6505 is a single-phase brushless-DC–
motor driver, with an input voltage range of 4.5V
to 16V and a maximum output current of 400mA.
The MP6505 controls the rotational speed
through either the input voltage or the PWM
signal.
Other
features
include
minimum-
rotational–speed set, a rotational speed indicator,
built-in input over-voltage protection, built-in
locked-rotor
protection,
locked-rotor–state
indicator,
thermal
shutdown,
and
a
1.2V
integrated Hall bias voltage.
The MP6505 is available in 5.0mm×6.4mm
TSSOP16 and 3mm×3mm QFN16 package.
FEATURES
 Operating Voltage of 4.5V to 16V
 Integrated Power MOSFETs (HS: 370mΩ; LS:
230mΩ)
 Maximum Output Current 400mA
 Low Quiescent Current (Not including Hall
Sensor) of 1.4mA
 Speed Control by Input Voltage or PWM Signal
 Programmable Minimum Speed
 Rotational-Speed Indicator
 Locked-Rotor Indicator
 Locked-Rotor Protection and Automatic
Recovery
 Thermal Protection and Automatic Recovery
 Built-In Input OVP and Automatic Recovery
 Hall Bias Voltage(1.2V) Integrated
 Available in TSSOP16 (5.0×6.4mm) and QFN16
(3×3mm) Package
APPLICATIONS
 CPU Fan for Personal Computers or Servers
 Brushless DC Motor Driver
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION


유사한 부품 번호 - MP6505

제조업체부품명데이터시트상세설명
logo
Mean Well Enterprises C...
MP650 MEANWELL-MP650 Datasheet
344Kb / 6P
450W/650W/1000W Modular Power
logo
Monolithic Power System...
MP6500 MPS-MP6500 Datasheet
1Mb / 19P
35V, 2.5A, Stepper Motor Driver
MP6500GF MPS-MP6500GF Datasheet
1Mb / 19P
35V, 2.5A, Stepper Motor Driver
MP6500GU MPS-MP6500GU Datasheet
1Mb / 19P
35V, 2.5A, Stepper Motor Driver
MP6500GU MPS-MP6500GU Datasheet
402Kb / 5P
2.5A, 35V, Bipolar Stepper Motor Driver Evaluation Board
7/16/2020 Rev. 1.1
More results

유사한 설명 - MP6505

제조업체부품명데이터시트상세설명
logo
New Japan Radio
NJU7326 NJRC-NJU7326 Datasheet
69Kb / 3P
Single-phase DC Brushless Motor Driver IC
NJU7364 NJRC-NJU7364 Datasheet
146Kb / 6P
Single-phase DC Brushless Motor Driver IC
NJU7366 NJRC-NJU7366 Datasheet
75Kb / 6P
Single-phase DC Brushless Motor Driver IC
logo
Monolithic Power System...
MP6510 MPS-MP6510 Datasheet
511Kb / 11P
4.5V-to-16V,1.2A, Single-Phase Brushless DC Motor Driver
logo
Maxim Integrated Produc...
MAX20745EVKIT MAXIM-MAX20745EVKIT Datasheet
798Kb / 10P
4.5V to 16V power supply
Rev 0; 10/15
MAX20743EVKIT MAXIM-MAX20743EVKIT Datasheet
888Kb / 10P
4.5V to 16V power supply
Rev 0; 7/16
MAX20735EVKIT MAXIM-MAX20735EVKIT Datasheet
826Kb / 10P
4.5V to 16V power supply
Rev 0; 8/16
MAX20734EVKIT MAXIM-MAX20734EVKIT Datasheet
877Kb / 10P
4.5V to 16V power supply
Rev 0; 8/16
MAX20733EVKIT MAXIM-MAX20733EVKIT Datasheet
854Kb / 10P
4.5V to 16V power supply
Rev 0; 8/16
MAX20730EVKIT MAXIM-MAX20730EVKIT Datasheet
820Kb / 10P
4.5V to 16V power supply
Rev 0; 10/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com