| 전자부품 데이터시트 검색엔진 |
|
STM32F373R8 데이터시트(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F373R8 데이터시트(HTML) 37 Page - STMicroelectronics |
|
37 / 131 page ![]() DocID022691 Rev 4 37/131 STM32F37xxx Pinouts and pin description 47 52 K12 33 25 VREFSD+ S External reference voltage for SDADC1, SDADC2, SDADC3 (positive input) 53 K11 34 26 PB14 I/O TC (3) SPI2_MISO/I2S2_MCK, USART3_RTS, TIM15_CH1, TIM12_CH1, TSC_G6_IO1 SDADC3_AIN8P 54 K10 35 27 PB15 I/O TC (3) SPI2_MOSI/I2S2_SD, TIM15_CH1N, TIM15_CH2, TIM12_CH2, TSC_G6_IO2, RTC_REFIN SDADC3_AIN7P, SDADC3_AIN8M 55 K9 36 28 PD8 I/O TC (3) SPI2_SCK/I2S2_CK, USART3_TX, TSC_G6_IO3 SDADC3_AIN6P 56 K8 PD9 I/O TC (3) (1) USART3_RX, TSC_G6_IO4 SDADC3_AIN5P, SDADC3_AIN6M 57 J12 PD10 I/O TC (3) (1) USART3_CK SDADC3_AIN4P 58 J11 PD11 I/O TC (3) (1) USART3_CTS SDADC3_AIN3P, SDADC3_AIN4M 59 J10 PD12 I/O TC (3) (1) USART3_RTS, TIM4_CH1, TSC_G8_IO1 SDADC3_AIN2P 60 H12 PD13 I/O TC (3) (1) TIM4_CH2, TSC_G8_IO2 SDADC3_AIN1P, SDADC3_AIN2M 61 H11 PD14 I/O TC (3) (1) TIM4_CH3, TSC_G8_IO3 SDADC3_AIN0P 62 H10 PD15 I/O TC (3) (1) TIM4_CH4, TSC_G8_IO4 SDADC3_AIN0M 63 E12 37 PC6 I/O FT (1) TIM3_CH1, SPI1_NSS/I2S1_WS 64 E11 38 PC7 I/O FT (1) TIM3_CH2, SPI1_SCK/I2S1_CK, 65 E10 39 PC8 I/O FT (1) SPI1_MISO/I2S1_MCK, TIM3_CH3 66 D12 40 PC9 I/O FT (1) SPI1_MOSI/I2S1_SD, TIM3_CH4 Table 11. STM32F37x pin definitions (continued) Pin numbers Pin name (function after reset) Pin type Pin functions Alternate function Additional functions |