전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F373R8 데이터시트(PDF) 38 Page - STMicroelectronics

부품명 STM32F373R8
상세설명  ARM Cortex-M4 32b MCUFPU, up to 256KB Flash32KB SRAM timers, 4 ADCs (12/16-bit), 3 DACs, 2 comp., 2.0-3.6 V operation
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F373R8 데이터시트(HTML) 38 Page - STMicroelectronics

Back Button STM32F373R8 Datasheet HTML 34Page - STMicroelectronics STM32F373R8 Datasheet HTML 35Page - STMicroelectronics STM32F373R8 Datasheet HTML 36Page - STMicroelectronics STM32F373R8 Datasheet HTML 37Page - STMicroelectronics STM32F373R8 Datasheet HTML 38Page - STMicroelectronics STM32F373R8 Datasheet HTML 39Page - STMicroelectronics STM32F373R8 Datasheet HTML 40Page - STMicroelectronics STM32F373R8 Datasheet HTML 41Page - STMicroelectronics STM32F373R8 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 131 page
background image
Pinouts and pin description
STM32F37xxx
38/131
DocID022691 Rev 4
67
D11 41 29
PA8
I/O
FT
SPI2_SCK/I2S2_CK,
I2C2_SMBA, USART1_CK,
TIM4_ETR, TIM5_CH1_ETR,
MCO
68 D10 42 30
PA9
I/O
FTf
SPI2_MISO/I2S2_MCK,
I2C2_SCL, USART1_TX,
TIM2_CH3, TIM15_BKIN,
TIM13_CH1, TSC_G4_IO1
69 C12 43 31
PA10
I/O
FTf
SPI2_MOSI/I2S2_SD,
I2C2_SDA, USART1_RX,
TIM2_CH4, TIM17_BKIN,
TIM14_CH1, TSC_G4_IO2
70
B12 44 32
PA11
I/O
FT
SPI2_NSS/I2S2_WS,
SPI1_NSS/I2S1_WS,
USART1_CTS, CAN_RX,
TIM4_CH1, USB_DM,
TIM5_CH2, COMP1_OUT
71
A12 45 33
PA12
I/O
FT
SPI1_SCK/I2S1_CK,
USART1_RTS, CAN_TX,
USB_DP, TIM16_CH1,
TIM4_CH2, TIM5_CH3,
COMP2_OUT
72
A11 46 34
PA13
I/O
FT
SPI1_MISO/I2S1_MCK,
USART3_CTS, IR_OUT,
TIM16_CH1N, TIM4_CH3,
TIM5_CH4, TSC_G4_IO3,
SWDIO-JTMS
73
C11 47 35
PF6
I/O
FTf
SPI1_MOSI/I2S1_SD,
USART3_RTS, TIM4_CH4,
I2C2_SCL
74
F11
VSS_3
S
(1)
Ground
75 G11
VDD_3
S
(1)
Digital power supply
48 36
PF7
I/O
FTf
I2C2_SDA, USART2_CK
76
A10 49 37
PA14
I/O
FTf
I2C1_SDA, TIM12_CH1,
TSC_G4_IO4, SWCLK-JTCK
Table 11. STM32F37x pin definitions (continued)
Pin numbers
Pin name
(function
after reset)
Pin
type
Pin functions
Alternate function
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More