전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADG1209 데이터시트(PDF) 8 Page - Analog Devices

부품명 ADG1209
상세설명  Low Capacitance, 4-/8-Channel 15 V/12 V iCMOS Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADG1209 데이터시트(HTML) 8 Page - Analog Devices

Back Button ADG1209 Datasheet HTML 4Page - Analog Devices ADG1209 Datasheet HTML 5Page - Analog Devices ADG1209 Datasheet HTML 6Page - Analog Devices ADG1209 Datasheet HTML 7Page - Analog Devices ADG1209 Datasheet HTML 8Page - Analog Devices ADG1209 Datasheet HTML 9Page - Analog Devices ADG1209 Datasheet HTML 10Page - Analog Devices ADG1209 Datasheet HTML 11Page - Analog Devices ADG1209 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADG1208/ADG1209
Rev. B | Page 8 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
EN
9
VSS
S1
S4
S3
S2
A0
A2
GND
VDD
S7
S6
S5
A1
ADG1208
TOP VIEW
(Not to Scale)
DS8
PIN 1
INDICATOR
1
Figure 3. ADG1208 Pin Configuration (TSSOP/SOIC)
VSS
2
S1
3
S2
4
S3
11 VDD
12 GND
10 S5
9S6
TOP VIEW
(Not to Scale)
ADG1208
Figure 4. ADG1208 Pin Configuration (LFCSP_VQ),
Exposed Pad Tied to Substrate, VSS
Table 4. ADG1208 Pin Function Descriptions
Pin Number
TSSOP/SOIC
LFCSP_VQ
Mnemonic
Description
1
15
A0
Logic Control Input.
2
16
EN
Active High Digital Input. When low, the device is disabled and all switches are off. When
high, Ax logic inputs determine on switches.
3
1
VSS
Most Negative Power Supply Potential. In single-supply applications, it can be
connected to ground.
4
2
S1
Source Terminal 1. Can be an input or an output.
5
3
S2
Source Terminal 2. Can be an input or an output.
6
4
S3
Source Terminal 3. Can be an input or an output.
7
5
S4
Source Terminal 4. Can be an input or an output.
8
6
D
Drain Terminal. Can be an input or an output.
9
7
S8
Source Terminal 8. Can be an input or an output.
10
8
S7
Source Terminal 7. Can be an input or an output.
11
9
S6
Source Terminal 6. Can be an input or an output.
12
10
S5
Source Terminal 5. Can be an input or an output.
13
11
VDD
Most Positive Power Supply Potential.
14
12
GND
Ground (0 V) Reference.
15
13
A2
Logic Control Input.
16
14
A1
Logic Control Input.
Table 5. ADG1208 Truth Table
A2
A1
A0
EN
On Switch
X
X
X
0
None
0
0
0
1
1
0
0
1
1
2
0
1
0
1
3
0
1
1
1
4
1
0
0
1
5
1
0
1
1
6
1
1
0
1
7
1
1
1
1
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com