전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM79C974 데이터시트(PDF) 13 Page - Advanced Micro Devices

부품명 AM79C974
상세설명  PCnetTM-SCSI Combination Ethernet and SCSI Controller for PCI Systems
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C974 데이터시트(HTML) 13 Page - Advanced Micro Devices

Back Button AM79C974 Datasheet HTML 9Page - Advanced Micro Devices AM79C974 Datasheet HTML 10Page - Advanced Micro Devices AM79C974 Datasheet HTML 11Page - Advanced Micro Devices AM79C974 Datasheet HTML 12Page - Advanced Micro Devices AM79C974 Datasheet HTML 13Page - Advanced Micro Devices AM79C974 Datasheet HTML 14Page - Advanced Micro Devices AM79C974 Datasheet HTML 15Page - Advanced Micro Devices AM79C974 Datasheet HTML 16Page - Advanced Micro Devices AM79C974 Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 153 page
background image
P R E L I M I N A R Y
AMD
13
Am79C974
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is
formed by a combination of:
TEMPERATURE RANGE
C = Commercial (0
°C to +70°C)
PACKAGE TYPE (per Prod. Nomenclature)
K = Plastic Quad Flat Pack Trimmed and Formed
(PQB132)
SPEED OPTION
Not Applicable
DEVICE NUMBER/DESCRIPTION
Am79C974
PCnet-SCSI Combination Ethernet and
SCSI Controller for PCI Systems
AM79C974
Valid Combinations
KC\W
Valid Combinations
ALTERNATE PACKAGING OPTION
\W = Trimmed and Formed in a Tray
AM79C974
K
C
\W
Valid Combinations list configurations planned to be
supported in volume for this device. Consult the local
AMD sales office to confirm availability of specific
valid combinations and to check on newly released
combinations.
OPTIONAL PROCESSING
Blank = Standard Processing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More