| 전자부품 데이터시트 검색엔진 |
|
AM79C978 데이터시트(PDF) 93 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C978 데이터시트(HTML) 93 Page - Advanced Micro Devices |
|
93 / 261 page ![]() Am79C978 93 Table 21. NAND Tree Pin Sequence (160 PQFP) Table 22. NAND Tree Pin Sequence (144 TQFP) NAND Tree Input No. Pin No. Name NAND Tree Input No. Pin No. Name NANDTree Input No. Pin No. Name 1 141 RST 18 9 AD20 35 36 AD13 2 142 PCI_CLK 19 11 AD19 36 38 AD12 3 143 GNT 20 12 AD18 37 43 AD11 4 144 REQ 21 14 AD17 38 45 AD10 5 146 AD31 22 16 AD16 39 46 AD9 6 149 AD30 23 17 C/BE240 47 AD8 7 150 AD29 24 19 FRAME 41 48 C/BE0 8 151 AD28 25 20 IRDY 42 50 AD7 9 152 AD27 26 22 TRDY 43 52 AD6 10 154 AD26 27 24 DEVSEL 44 53 AD5 11 156 AD25 28 25 STOP 45 55 AD4 12 157 AD24 29 27 PERR 46 56 AD3 13 158 C/BE3 30 28 SERR 47 58 AD2 14 3 IDSEL 31 30 PAR 48 60 AD1 15 4 AD23 32 32 C/BE149 61 AD0 16 6 AD22 33 33 AD15 50 17 8 AD21 34 35 AD14 51 NAND Tree Input No. Pin No. Name NAND Tree Input No. Pin No. Name NAND Tree Input No. Pin No. Name 1 127 RST 18 7 AD20 35 34 AD13 2 128 PCI_CLK 19 9 AD19 36 36 AD12 3 129 GNT 20 10 AD18 37 37 AD11 4 130 REQ 21 12 AD17 38 39 AD10 5 132 AD31 22 14 AD16 39 40 AD9 6 135 AD30 23 15 C/BE240 41 AD8 7 136 AD29 24 17 FRAME 41 42 C/BE0 8 137 AD28 25 18 IRDY 42 44 AD7 9 138 AD27 26 20 TRDY 43 46 AD6 10 140 AD26 27 22 DEVSEL 44 47 AD5 11 142 AD25 28 23 STOP 45 49 AD4 12 143 AD24 29 25 PERR 46 50 AD3 13 144 C/BE3 30 26 SERR 47 52 AD2 14 1 IDSEL 31 28 PAR 48 54 AD1 15 2 AD23 32 30 C/BE149 55 AD0 16 4 AD22 33 31 AD15 17 6 AD21 34 33 AD14 |